Electronic Components Datasheet Search
  English  ▼

X  

AD7625BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7625BCPZ
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7625BCPZ Datasheet HTML 12Page - Analog Devices AD7625BCPZ Datasheet HTML 13Page - Analog Devices AD7625BCPZ Datasheet HTML 14Page - Analog Devices AD7625BCPZ Datasheet HTML 15Page - Analog Devices AD7625BCPZ Datasheet HTML 16Page - Analog Devices AD7625BCPZ Datasheet HTML 17Page - Analog Devices AD7625BCPZ Datasheet HTML 18Page - Analog Devices AD7625BCPZ Datasheet HTML 19Page - Analog Devices AD7625BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7625
Data Sheet
Rev. A | Page 16 of 24
DRIVING THE AD7625
Differential Analog Input Source
Figure 24 shows an ADA4899-1 driving each differential input
to the AD7625.
Single-Ended-to-Differential Driver
For applications using unipolar analog signals, a single-ended-
to-differential driver, as shown in Figure 23, allows for a differ-
ential input into the part. This configuration, when provided
with an input signal of 0 V to 4.096 V, produces a differential
±4.096 V with midscale at 2.048 V. The one-pole filter using
R = 33 Ω and C = 56 pF provides a corner frequency of 86 MHz.
The VCM output of the AD7625 can be buffered and then used
to provide the required 2.048 V common-mode voltage.
56pF
33Ω
33Ω
50Ω
IN+
IN–
AD7625
VCM
V–
V+
AD8031, AD8032
U2
U1
ADA4899-1
ADA4899-1
56pF
100nF
100nF
590Ω
590Ω
ANALOG INPUT
(UNIPOLAR 0V TO 4.096V)
Figure 23. Single-Ended-to-Differential Driver Circuit
56pF
33Ω
–VS
0V TO VREF
+VS
56pF
33Ω
–VS
VREF TO 0V
+VS
CREF
10µF2
REF1
REF
GND
IN+
IN–
AD7625
ADA4899-1
1SEE THE VOLTAGE REFERENCE OPTIONS SECTION. CONNECTION TO EXTERNAL REFERENCE SIGNALS
IS DEPENDENT ON THE EN1 AND EN0 SETTINGS.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR WITH LOW ESL AND ESR.
THE REF AND REFIN PINS ARE DECOUPLED REGARDLESS OF EN1 AND EN0 SETTINGS.
VCM
–VS
+VS
BUFFERED VCM PIN OUTPUT
GIVES THE REQUIRED 2.048V
COMMON-MODE SUPPLY FOR
ANALOG INPUTS.
VCM
2.048V
AD8031, AD8032
ADA4899-1
REFIN
REF1
CREF
10µF2
0.1µF
Figure 24. Driving the AD7625 from a Differential Analog Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com