Electronic Components Datasheet Search
  English  ▼

X  

ADG731 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices ADG731 Datasheet HTML 11Page - Analog Devices ADG731 Datasheet HTML 12Page - Analog Devices ADG731 Datasheet HTML 13Page - Analog Devices ADG731 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
ADG725/ADG731–Typical Performance Characteristics
VD, VS – V
8
0.0
5.5
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1
2
3
4
5
6
7
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 3.3V
VDD = 5V
VDD = 5.5V
TA = 25 C
VSS = 0V
TPC 1. On Resistance vs.
VD (VS), Single Supply
VD, VS – V
8
0.0
0
1
2
3
4
5
6
7
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0
+85 C
–40 C
+25 C
VSS = 0V
TPC 4. On Resistance vs. VD (VS),
Single Supply
VD, VS – V
25
–15
–3
–2
5
–1
01234
20
5
0
–5
–10
15
10
TA = 25 C
VDD = +2.5
VSS = –2.5
VDD = +3V
VSS = 0V
VDD = +5V
VSS = 0V
TPC 7. ADG731 Charge Injection
vs. Source Voltage
VD, VS – V
8
–2.75
0
1
2
3
4
5
6
7
–1.75
–0.75
0.25
1.25
2.25
VDD = +2.25V
VSS = –2.25V
TA = 25 C
VDD = +2.5V
VSS = –2.5V
VDD = +2.75V
VSS = –2.75V
TPC 2. On Resistance vs.
VD (VS), Dual Supply
VD, VS – V
8
–2.5
0
1
2
3
4
5
6
7
–2.0 –1.5 –1.0 –0.5 0.0 0.5 1.0 1.5 2.0 2.5
+85 C
–40 C
+25 C
TPC 5. On Resistance vs.
VD (VS), Dual Supply
TEMPERATURE – C
–40
–20
80
020
4060
80
70
0
30
20
10
60
40
50
VSS = 0V
VDD = 3V
VDD = 5V
TPC 8. Switching Times vs.
Temperature
VD, VS – V
8
0.0
0
1
2
3
4
5
6
7
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
+85 C
–40 C
VSS = 0V
+25 C
TPC 3. On Resistance vs. VD (VS)
for Different Temperatures,
Single Supply
TEMPERATURE – C
0.5
5
–0.5
15
85
25
35
45
55
65
75
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
VDD = 5V
VSS = 0V
ID (OFF)
ID (ON)
IS (OFF)
TPC 6. Leakage Currents vs.
Temperature
VDD – V
01
6
2345
1.8
1.6
0
0.8
0.6
0.4
0.2
1.4
1.0
1.2
TA = 25 C
FALLING
RISING
TPC 9. Logic Threshold Voltage
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com