Electronic Components Datasheet Search
  English  ▼

X  

ADG3245 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3245
Description  2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3245 Datasheet(HTML) 3 Page - Analog Devices

  ADG3245 Datasheet HTML 1Page - Analog Devices ADG3245 Datasheet HTML 2Page - Analog Devices ADG3245 Datasheet HTML 3Page - Analog Devices ADG3245 Datasheet HTML 4Page - Analog Devices ADG3245 Datasheet HTML 5Page - Analog Devices ADG3245 Datasheet HTML 6Page - Analog Devices ADG3245 Datasheet HTML 7Page - Analog Devices ADG3245 Datasheet HTML 8Page - Analog Devices ADG3245 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV.
ADG3245
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
Digital Inputs to GND . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
DC Output Current . . . . . . . . . . . . . . . . . . 25 mA per channel
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
LFCSP Package
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 30.4
°C/W
TSSOP Package
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 143
°C/W
Lead Temperature, Soldering (10 seconds) . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 seconds) . . . . . . . . 235
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
Table II. Truth Table
BE SEL*
Function
L
L
A = B, 3.3 V to 1.8 V Level Shifting
LH
A = B, 3.3 V to 2.5 V/2.5 V to 1.8 V Level Shifting
H
X
Disconnect
*
SEL = 0 V only when V
DD = 3.3 V
± 10%
PIN CONFIGURATION
20-Lead LFCSP and TSSOP
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ADG3245
GND
A7
A6
A0
A1
A2
A5
A4
A3
B7
B6
B5
BE
B0
B1
B4
B3
B2
SEL
VCC
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG3245 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
REV. A
–11–
EP
Exposed Pad. It is
recommended that
the exposed pad be
thermally connected
to a copper plane for
enhanced thermal
performance. The pad
should be grounded as
well.
Table I. Pin Description
Mnemonic Description
BE
Bus Enable (Active Low)
SEL
Level Translation Select
Ax
Port A, Inputs or Outputs
Bx
Port B, Inputs or Outputs
EP
Exposed Pad. It is recommended
that the exposed pad be thermally
connected to a copper plane for
enhanced thermal performance.
The pad should be grounded as
well.
B
NOTES
1. IT IS RECOMMENDED THAT THE EXPOSED PAD BE
THERMALLY CONNECTED TO A COPPER PLANE
FOR ENHANCED THERMAL PERFORMANCE. THE
PAD SHOULD BE GROUNDED AS WELL.
14
13
12
1
3
4
B0
15 BE
B1
B2
11 B3
SEL
A5
2
A4
A6
5
A7
ADG3245
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com