Electronic Components Datasheet Search
  English  ▼

X  

2N5432 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N5432
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N5432 Datasheet(HTML) 1 Page - InterFET Corporation

  2N5432 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8/2014
2N5432, 2N5433, 2N5494
N-Channel Silicon Junction Field-Effect Transistor
∙ Low r
DS(on)
∙ Excellent Switching
∙ Low Cutoff Current
Absolute maximum ratings at TA = 25
oC
Reverse Gate Source & Gate Drain Voltage
-25V
Continuous Forward Gate Current
100 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2.3 mW/
oC
Storage Temperature Range
-65
oC to +150oC
2N5432
2N5433
2N5434
At 25
oC free air temperature
NJ450
NJ450
NJ903
Process
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown
Voltage
V(BR)GSS
-25
-25
-25
V
IG = -1 uA, VDS = 0 V
Gate Reverse Current
IGSS
-200
-200
-200
pA
VGS = -10 V, VDS = 0 V
Gate Source Cutoff Voltage
VGS(OFF)
-4
-10
-3
-9
-1
-4
V
VDS = 10 V, VGS = 0 V
Drain Saturation Current
(pulsed)
IDSS
150
100
30
mA
VDS = 10 V, VGS = 0 V
Dynamic Electrical Characteristics
Drain -Source On Resistance
rds(on)
5
7
10
Ω
VGS = 0 V, ID = 0 V
f = 1
kHz
Common-Source Input
Capacitance
Ciss
30
30
30
pF
VDS = 0 V, VGS = -10 V
f = 1
MHz
Common-Source Reverse
Transfer Capacitance
Crss
15
15
15
pF
VDS = 0 V, VGS = -10 V
f = 1
MHz
Turn-On Delay Time
td
4
4
4
nS
VDD = -1.5 V,
VGS(on) = 0 V,
VGS(off) = -12 V,
ID(on) = 10 mA
Rise Time
tr
1
1
1
nS
Turn-Off Time
toff
6
6
6
nS
Fall Time
tf
30
30
30
nS
www.interfet.com
715 N. Glenville Dr., Ste. 400
Richardson, TX 75089
(972) 238-9700 Fax (972) 238-5338
Surface Mount
SMP5432, SMP5433,
SMP5434


Similar Part No. - 2N5432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
N CHANNEL JUNCTION FET
2N5432 ETC1-2N5432 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
logo
Intersil Corporation
2N5432 INTERSIL-2N5432 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - 2N5432

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com