Electronic Components Datasheet Search
  English  ▼

X  

3254 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3254
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3254 Datasheet(HTML) 1 Page - Alpha Wire

  3254 Datasheet HTML 1Page - Alpha Wire 3254 Datasheet HTML 2Page - Alpha Wire 3254 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 3254
Construction
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
16 (7/24) AWG TC
0.060
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.080+/- 0.002
(1) Print
ALPHA WIRE E163869-* RU AWM STYLE 1061 80C 300V
VW-1 16 AWG --- LLXXXX CSA AWM I A/B 80C 300 VOLTS
FT1 ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
Applicable Specifications
1) UL
AWM/STYLE 1061
80°C / 300 VRMS
VW-1
2) CSA International
AWM I A/B
80°C / 300 VRMS
FT1
FT1
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties
Physical & Mechanical Properties
1) Temperature Range
-10 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
22.2 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Inductance
0.03 µH/ft, Nominal
3) Conductor DCR
3.9 /1000ft @20°C, Nominal


Similar Part No. - 3254

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3254 ALPHAWIRE-3254 Datasheet
98Kb / 4P
Customer Specification
2/22/2023
logo
Heyco.
3254 HEYCO-3254 Datasheet
212Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
KR Electronics, Inc.
3254-32-LP KR-3254-32-LP Datasheet
92Kb / 3P
KR Electronics part number 3254-32-LP is a 32 MHz lowpass filter
3254-32-LP-SMA KR-3254-32-LP-SMA Datasheet
82Kb / 3P
32 MHz Lowpass Filter
logo
TE Connectivity Ltd
325401 TEC-325401 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results

Similar Description - 3254

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com