Electronic Components Datasheet Search
  English  ▼

X  

CMF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CMF
Description  SMD Multilayer Common Mode Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CMF Datasheet HTML 1Page - List of Unclassifed Manufacturers CMF Datasheet HTML 2Page - List of Unclassifed Manufacturers CMF Datasheet HTML 3Page - List of Unclassifed Manufacturers CMF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Multilayer Common Mode Filter - CMF Series
Packaging Specifications
Tape Dimensions
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
TYPE
A
B
T
W
P
F
K
A
B
C
D
PCS / Reel
CMF11
1.15
1.50
0.25
8
4
3.5
0.72
178
60
12
1.5
4000
CMF21
1.45
2.30
0.22
8
4
3.5
1.13
178
60
12
1.5
3000
4.0 ± 0.1
T
2.0 ± 0.05
W
F
1.75 ± 0.1
K
P
A
Trailer End
Blank part(160mm min.)
Leader End
Blank Compartments with Cover Tape and Leader (330mm min.)
B
1.5 +0.1/-0.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com