Electronic Components Datasheet Search
  English  ▼

X  

CMMI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMMI
Description  SMD Common Mode Choke
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMMI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMMI Datasheet HTML 1Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 2Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 3Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 4Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 5Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 6Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 7Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 8Page - List of Unclassifed Manufacturers CMMI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SMD Common Mode Choke – CMMI Series
Electrical Characteristics
Part Number
Impedance
(Ω)
Test Frequency
(MHz)
Tolerance
(±%)
Idc
(mA) Max
Rated Voltage
(Vdc)
Rdc
(Ω) Max
Insulation Resistance
(MΩ) Min
CMMI11T-600Y-N
60
100
25
250
20
0.40
10
CMMI11T-900Y-N
90
100
25
250
20
0.30
10
When ordering, please specify tolerance and packaging codes
Tolerance : Y = ±25%
Packaging : Clear tape and reel { standard }
Z : HP4286A / HP4287A / Agilent E4991A + Agilent16197A
Rdc(single line) :CH502BC
Idc : HP4284A+HP42841A/HP4285A+HP42841A
Insulation Resistance : Agilent HP4339B
Operating temperature range from -40℃ to 105℃. (Including self - temperature rise )
Test Instruments:HP4291A Material/Impedance Analyzer
Typical Impedance vs. Frequency
0.1
1
10
100
1000
1
10
100
1000
10000
FREQUENCY(MHz)
COMMON MODE
NORMAL MODE
900
600
600
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com