Electronic Components Datasheet Search
  English  ▼

X  

7047 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7047
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7047 Datasheet(HTML) 1 Page - Alpha Wire

  7047 Datasheet HTML 1Page - Alpha Wire 7047 Datasheet HTML 2Page - Alpha Wire 7047 Datasheet HTML 3Page - Alpha Wire 7047 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 7047
Construction
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
12 (65/30) AWG TC
0.091
b) Insulation
0.032" Wall, Nom. XLPE
0.155+/- 0.004
(1) Print
ALPHA WIRE-*
EXXXXXX RU AWM 3271 125C 600V VW-1
LLXXXXX CSA CL-1251 FT1 X-LINK ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK, RED
Applicable Specifications
1) UL
AWM/STYLE 3271
125°C / 600/750DC VRMS
2) CSA International
CL1251-XLPE
125°C / 600 VRMS
3) Military
MIL-W-16878E Type D
105°C / 3000 VRMS
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties
Physical & Mechanical Properties
1) Temperature Range
-55 to 125°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
51 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Inductance
0.05 µH/ft, Nominal
3) Conductor DCR
1.75 /1000ft @20°C, Nominal


Similar Part No. - 7047

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7047 ETC2-7047 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7047 ETC2-7047 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
PHOENIX CONTACT
7047 PHOENIX-7047 Datasheet
184Kb / 11P
Inline Power Terminal With Fuse and Diagnostics
logo
Heyco.
7047 HEYCO-7047 Datasheet
132Kb / 1P
Male Pins
logo
Keystone Electronics Co...
7047 KEYSTONE-7047 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results

Similar Description - 7047

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com