Electronic Components Datasheet Search
  English  ▼

X  

IFN5912 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN5912
Description  N-Channel Dual Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN5912 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN5912 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-47
IFN5911, IFN5912
N-Channel Dual Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
500 mW
Power Derating
4 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ78 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case,
5 Source, 6 Drain, 7 Gate, 8 Omitted
At 25°C free air temperature:
IFN5911
IFN5912
Process NJ30L or NJ36D
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
– 100
pA
VGS = – 15V, VDS = ØV
– 250
– 250
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Operating Current
IG
– 100
– 100
pA
VDG = 10V, ID = 5 mA
– 100
– 100
nA
VDG = 10V, ID = 5 mA
TA = 125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 1– 5– 1– 5
V
VDS = 10V, ID = 1 nA
Gate Source Voltage
VGS
– 0.3
– 4
– 0.3
– 4
V
VDS = 10V, ID = 5 mA
Drain Saturation Current (Pulsed)
IDSS
740740
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
3000 10000 3000 10000
µS
VDG = 10V, ID = 5 mA
f = 1 kHz
Forward Transconductance
3000 10000 3000 10000
µS
VDG = 10V, ID = 5 mA
f = 100 MHz
Common Source
gos
100
100
µS
VDG = 10V, ID = 5 mA
f = 1 kHz
Output Conductance
150
150
µS
VDG = 10V, ID = 5 mA
f = 100 MHz
Common Source Input Capacitance
Ciss
55
pF
VDG = 10V, ID = 5 mA
f = 1 MHz
Common Source
Crss
1.2
1.2
pF
VDG = 10V, ID = 5 mA
f = 1 MHz
Reverse Transfer Capacitance
Equivalent Short Circuit
¯eN
20
20
nV/
√Hz
VDG = 10V, ID = 5 mA
f = 10 kHz
Input Noise Voltage
Noise Figure
NF
1
1
dB
VDG = 10V, ID = 5 mA
f = 10 Hz
RG = 100 KΩ
Differential Gate Current
|IG1|–|IG2|20
20
nA
VDG = 10V, ID = 5 mA
TA = 125°C
Saturation Drain Current Ratio
IDSS1/IDSS2 0.95
1
0.95
1
VDS = 10V, VGS = ØV
Differential Gate Source Voltage
VGS1 –VGS2
10
15
mV
VDG = 10V, ID = 5 mA
∆VGS1 –VGS2
20
40
µV/°C
VDG = 10V, ID = 5 mA
TA = 25°C
Gate Source Voltage
∆T
TB = 125°C
Differential Drift
∆VGS1 –VGS2
20
40
µV/°C
VDG = 10V, ID = 5 mA
TA = – 55°C
∆T
TB = 25°C
Transconductance Ratio
gfs1 /gfs2
0.95
1
0.95
1
VDG = 10V, ID = 5 mA
f = 1 kHz
¥ VHF Amplifiers
¥ Wideband Differential
Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:32 AM
Page B-47


Similar Part No. - IFN5912

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN5114 INTERFET-IFN5114 Datasheet
72Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
IFN5115 INTERFET-IFN5115 Datasheet
72Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
IFN5116 INTERFET-IFN5116 Datasheet
72Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5433 INTERFET-IFN5433 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN5912

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N3954 INTERFET-2N3954 Datasheet
67Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com