Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet(PDF) 1 Page - Formosa MS

Part # 6A05
Description  6.0 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

6A05 Datasheet(HTML) 1 Page - Formosa MS

  6A05 Datasheet HTML 1Page - Formosa MS 6A05 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
50 TO 1000 Volts
CURRENT
6.0 Amperes
6.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=60 C
R-6
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.048(1.2)
DIA.
DIA.
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 6.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
6A05
6A1
6A2
6A4
6A6
6A8
6A10
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
6.0
400
10.0
400
100
-65
+175
V
A
V
mA
mA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.65 grams
6A05 THRU 6A10
0.95
Typical Thermal Resistance R
qJA (Note 2)
10
*
A
Operating and Storage Temperature Range TJ, TSTG
C
C/W


Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Rectron Semiconductor
6A05 RECTRON-6A05 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A05 JGD-6A05 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
TAITRON Components Inco...
T6A05L TAITRON-T6A05L Datasheet
178Kb / 5P
6.0 Amp Silicon Rectifiers
logo
UNIOHM CORPORATION
6A05 UNIOHM-6A05 Datasheet
68Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
6A05 GXELECTRONICS-6A05 Datasheet
434Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
6A05 GWSEMI-6A05 Datasheet
67Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
6A05 DGNJDZ-6A05 Datasheet
324Kb / 2P
6.0 AMP SILICON RECTIFIERS
60S05-60S10 DGNJDZ-60S05-60S10 Datasheet
286Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
6A1 YIXIN-6A1 Datasheet
251Kb / 2P
6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10 Datasheet
251Kb / 2P
6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10_00 Datasheet
274Kb / 2P
6.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com