Electronic Components Datasheet Search
  English  ▼

X  

4366C1 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4366C1
Description  Solid State LED Lamps-Super Brite "Popsicle" 2.5mm x 5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4366C1 Datasheet(HTML) 1 Page - Visual Communications Company

  4366C1 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
4366C Series Solid State LED Lamps-Super Brite "Popsicle" 2.5mm x 5mm
Description and Features
Electro-Optical Characteristics and Ratings
• High intensity light output.
• Semi-round top provides wide-angle visibility.
• Ideal for modern styling.
1.102
.028 MAX.
.040 MAX.
ANODE(+)
.028 MAX.
.217±.012
.197±.008
.335±.008
1.024 MIN.
.098
SQ. NOM.
.020±.004
.098±.008
All dimensions in inches.
580
560
605
660
2.8
2.8
2.8
2.0
2.2
2.1
2.2
1.7
20
20
20
20
24
24
24
24
12
12
12
12
Yellow
Green
Amber
Red
(V)
Max.
(V)
Typ.
(mcd)
Typ.
(mcd)
Min.
(degrees)
Angle
Viewing
(nm)
Wavelength
Peak
Forward Voltage
Luminous Intensity
Emitted
Color
Part Number
4366C1
4366C3
4366C5
4366C7
Color
Lens
Red
Amber
Green
Yellow
Diffused
Diffused
Diffused
Diffused
Package
Type
30
25
25
50
4
4
4
4
Voltage Min.
(V)
Breakdown
Reverse
Current Max.
(nm)
Forward
Continuous


Similar Part No. - 4366C1

ManufacturerPart #DatasheetDescription
logo
Heyco.
4366 HEYCO-4366 Datasheet
112Kb / 1P
Lockit™ Loops and Clips
4366 HEYCO-4366 Datasheet
112Kb / 1P
Lockit Loops and Clips
logo
Molex Electronics Ltd.
4366-P555 MOLEX1-4366-P555 Datasheet
134Kb / 3P
KK짰 Crimp Terminal, Series 4366, Female, with Selective Gold (Au) Plated Brass Contact, 18-24 AWG, Reel
4366-P555L MOLEX1-4366-P555L Datasheet
119Kb / 3P
KK짰 Crimp Terminal, Series 4366, Female, with Selective Gold (Au) Plated Brass Contact, 18-24 AWG, Bag
4366-P909 MOLEX1-4366-P909 Datasheet
135Kb / 4P
KK짰 Crimp Terminal 4366, 18-24 AWG, Reel Tin (Sn)
More results

Similar Description - 4366C1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4304H CML-4304H Datasheet
25Kb / 1P
4304H Series Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
4306D CML-4306D Datasheet
25Kb / 1P
Solid State LED Lamps-Rectangular 2 x 5mm
4318F1 CML-4318F1 Datasheet
26Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4301H1 CML-4301H1 Datasheet
65Kb / 1P
Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
4305H CML-4305H Datasheet
63Kb / 1P
Solid State LED Lamps-Ultra Brite 120 mcd T-1 3/4 (5mm)
logo
Visual Communications C...
4301F1-5 VCC-4301F1-5 Datasheet
57Kb / 1P
Solid State LED Lamps Bi-Color Super Brite T-1 (3mm)
4303F VCC-4303F Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4304H VCC-4304H Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
4304S VCC-4304S Datasheet
69Kb / 1P
Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
4318 VCC-4318 Datasheet
77Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com