Electronic Components Datasheet Search
  English  ▼

X  

5325F Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5325F
Description  Super Brite T-1 LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5325F Datasheet(HTML) 1 Page - Visual Communications Company

  5325F Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
World's smallest T-1 Right Angle LED Assembly
• Permits installation in tight spaces.
• Compatible with PCMCIA type III and IV cards.
• Leightweight
Precise Alignment
• Press-in mounting pin for perfect location.
• Side-stackable on .150" centers.
Solid State Reliability
• 100K+ hour MTBF
• UL94V-O rated housing
Alternate LEDs are also available in this package
as standard variations.
Refer to “Mounting Hole Pattern 5.pdf”
5325F Series Super Brite T-1 LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5325F1
5325F3
5325F5
5325F7
Red
Amber
Green
Yellow
10.0
4.0
8.5
10.0
10
10
10
10
25
30
25
20
2.2
2.2
2.3
2.2
3.0
3.0
3.0
3.0
5
5
5
5
635
603
565
583
All dimensions in inches.
ANODE
.150
TYP2
.100/.085
TYP2
.080
.117
.050
.118
.093
.216
.305±.030
.166
LED


Similar Part No. - 5325F

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5325F CML-5325F Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
5325F1 CML-5325F1 Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
5325F3 CML-5325F3 Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
5325F5 CML-5325F5 Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
5325F7 CML-5325F7 Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
More results

Similar Description - 5325F

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4318F1 CML-4318F1 Datasheet
26Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
5341H1 CML-5341H1 Datasheet
23Kb / 1P
T-1 3/4 Ultra Brite LED
4361H1 CML-4361H1 Datasheet
66Kb / 1P
High Brite Tri-Color T-1 3/4 LED Lamps
5325F CML-5325F Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
logo
Visual Communications C...
4301F1-5 VCC-4301F1-5 Datasheet
57Kb / 1P
Solid State LED Lamps Bi-Color Super Brite T-1 (3mm)
4303F VCC-4303F Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4304H VCC-4304H Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
4318 VCC-4318 Datasheet
77Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
5311F VCC-5311F Datasheet
102Kb / 1P
Super Brite T -1 LED Circuit Board Indicator
5341H VCC-5341H Datasheet
542Kb / 1P
T-1 3/4 Ultra Brite LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com