Electronic Components Datasheet Search
  English  ▼

X  

5331H7 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5331H7
Description  T-1 3/4 Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5331H7 Datasheet(HTML) 1 Page - Visual Communications Company

  5331H7 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Block mounting, height and spacing
alignment saves assembly cost and time.
• Super Brite LEDs-high intensity light output.
• Press-in pin secures block to board
for soldering.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in
this package as a standard variation.
Refer to “Mounting Hole Pattern 4.pdf”
All dimensions in inches.
.120
.380
.250
S Q.
.020
.230
.360
.215±.020
MAX.
.200
.100
.275
ANODE (+)
.070
.130
5338 Series T-1 3/4 Right Angle LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
585
563
650
3.0
3.0
3.0
2.2
2.2
2.1
5
5
5
60
60
60
Yellow
Green
Red
(V)
Max.
(V)
Typ.
Continuous
Forward
Current Max.
(mA)
Reverse
Breakdown
Voltage Min.
(V)
(nm)
Wavelength
Peak
Forward Voltage
Emitted
Color
Part Number
5331H1
5331H5
5331H7
Typical
Intensity
(mcd)
68
100
160
20
20
20
Rated
Current
(mA )
.1
.09
.1
Peak Forward
Current at
1MS-300PPS
(A)


Similar Part No. - 5331H7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5331H7 CML-5331H7 Datasheet
26Kb / 1P
T-1 3/4 Vertical LED Assembly
logo
Visual Communications C...
5331H7 VCC-5331H7 Datasheet
97Kb / 1P
Series Vertical LED Assembly
More results

Similar Description - 5331H7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5306 VCC-5306 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5380 VCC-5380 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5390 VCC-5390 Datasheet
98Kb / 1P
T-1 3/4 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com