Electronic Components Datasheet Search
  English  ▼

X  

5380 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5380
Description  T-1 3/4 Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5380 Datasheet(HTML) 1 Page - Visual Communications Company

  5380 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Block mounting, height and
spacing alignment saves
assembly cost and time.
• Super Brite LEDs, high intensity
light output, diffused lens.
• Built-in resistor chip operates off
5V or 12V supply without external
resistor.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in
this package as a standard variation.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
CurrentMax.
(mA)
Forward
VoltageTyp.
(V)
Forward
VoltageMax.
(V)
PeakForward
Current@1ms-
300pps(A)
Reverse
Break-down
VoltageMin.
(V)
Peak
Wavelength
(nm)
5380H1
5380H3
5380H5
5380H7
5380H1LC
5380H5LC
5380H7LC
5380H1-5V
5380H3-5V
5380H5-5V
5380H1-12V
5380H3-12V
5380H5-12V
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
Red
Amber
Green
6.3
10
10
6.3
2.3
2.3
2.1
8
8
8
8
8
8
10
10
10
10
2.0
2.0
2.0
10
10
10
12
12
12
60
60
60
60
7
7
7
15
15
15
15
15
15
2.0
2.0
2.2
2.1
1.8
1.8
1.9
5
5
5
12.0
12.0
12.0
3.0
3.0
2.5
3.0
2.2
2.2
2.7
7.5
7.5
7.5
15.0
15.0
15.0
1.0
1.0
.09
1.0
.007
.007
.007
-
-
-
-
-
-
5
5
5
5
5
5
5
5
5
5
5
5
5
650
608
563
585
635
565
585
635
583
565
635
583
565
5380 Series T-1 3/4 Right Angle LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
ANODE (+)
5380E 1-DIM.130
.240
.100
.240
.130 MIN.
.200 MAX.
.210
.200
.020
.240
C AT HODE
NOT C H DE NOT ES
All dimensions in inches.


Similar Part No. - 5380

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5380 3M-5380 Datasheet
112Kb / 3P
Motor Lead Pigtail Splicing Kits
logo
Festo Corporation.
538000 FESTO-538000 Datasheet
92Kb / 1P
Sub-base
8/3/22
538004 FESTO-538004 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
logo
Lapp.
53800579 LAPP-53800579 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
53800583 LAPP-53800583 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
More results

Similar Description - 5380

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5306 VCC-5306 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307 VCC-5307 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5390 VCC-5390 Datasheet
98Kb / 1P
T-1 3/4 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com