Electronic Components Datasheet Search
  English  ▼

X  

REF5020 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5020 Datasheet HTML 6Page - Texas Instruments REF5020 Datasheet HTML 7Page - Texas Instruments REF5020 Datasheet HTML 8Page - Texas Instruments REF5020 Datasheet HTML 9Page - Texas Instruments REF5020 Datasheet HTML 10Page - Texas Instruments REF5020 Datasheet HTML 11Page - Texas Instruments REF5020 Datasheet HTML 12Page - Texas Instruments REF5020 Datasheet HTML 13Page - Texas Instruments REF5020 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Drift +
V
OUTMAX
* VOUTMIN
V
OUT
Temp Range
106(ppm)
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
+V
SUPPLY
10kW
1kW
470W
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456G – SEPTEMBER 2008 – REVISED OCTOBER 2013
www.ti.com
USING THE TRIM/NR PIN
The REF50xx provides a very accurate voltage output. However, VOUT can be adjusted to reduce noise and shift
the output voltage from the nominal value by configuring the trim and noise reduction pin (TRIM/NR, pin 5). The
TRIM/NR pin provides a ±15-mV adjustment of the device bandgap, which produces a ±15-mV change on the
VOUT pin. Figure 27 shows a typical circuit using the TRIM/NR pin to adjust VOUT. When using this technique, the
temperature coefficients of the resistors can degrade the temperature drift at the output.
Figure 27. VOUT Adjustment Using TRIM/NR Pin
The REF50xx allows access to the bandgap through the TRIM/NR pin. Placing a capacitor from the TRIM/NR pin
to GND (as Figure 28 illustrates) in combination with the internal 1-k
Ω resistor creates a low-pass filter that
lowers the overall noise measured on the VOUT pin. A capacitance of 1 μF is suggested for a low-pass filter with
a corner frequency of 14.5 Hz. Higher capacitance results in a lower cutoff frequency.
Figure 28. Noise Reduction Using TRIM/NR Pin
TEMPERATURE DRIFT
The REF50xx is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by the following equation:
(1)
The REF50xx features a maximum drift coefficient of 8 ppm/°C for the standard-grade.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com