Electronic Components Datasheet Search
  English  ▼

X  

201210A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 201210A
Description  Molding Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

201210A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  201210A Datasheet HTML 1Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 2Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 3Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 4Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 5Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 6Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 7Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 8Page - List of Unclassifed Manufacturers 201210A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Molding Power Inductors – HEI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
HEI201610A-R24M-Q8
0.24
20
2
3.9(4.8)
5.6(7.0)
27(21)
HEI201610A-R47M-Q8
0.47
20
2
3.5(4.2)
3.9(4.8)
42(33)
HEI201610A-R68M-Q8
0.68
20
2
2.7(3.4)
3.2(4.0)
56(43)
HEI201610A-1R0M-Q8
1.0
20
2
2.5(3.1)
2.9(3.6)
65(53)
HEI201610A-1R5M-Q8
1.5
20
2
2.3(2.7)
2.5(2.8)
85(75)
HEI201610A-2R2M-Q8
2.2
20
2
1.8(2.2)
2.4(2.7)
135(112)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance vs. DC Current
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
1
23
45
6
78
DC Current(A)
2R2
1R0
R47
R24
1R5
R68
Temperature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
DC Current(A)
2R2
1R0
R24
R47
1R5
R68



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com