Electronic Components Datasheet Search
  English  ▼

X  

LVC505040 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LVC505040
Description  Sealed Power Inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC505040 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LVC505040 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 6Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 9Page - List of Unclassifed Manufacturers LVC505040 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Sealed Power Inductors - LVC Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVC404018-4R7□-N
4.7
100
20, 30
0.077
2.00(1.80)
1.80(1.62)
4R7
LVC404018-6R8□-N
6.8
100
20, 30
0.105
1.50(1.35)
1.35(1.21)
6R8
LVC404018-100□-N
10
100
20, 30
0.160
1.40(1.26)
1.20(1.08)
100
LVC404018-150□-N
15
100
20, 30
0.245
1.05(0.94)
0.95(0.85)
150
LVC404018-220□-N
22
100
20, 30
0.335
0.90(0.81)
0.88(0.79)
220
 When ordering, please specify tolerance and packaging codes
 Tolerance : M = ±20% , T = ±30%
 L : Agilent/HP 4284A + Agilent/HP 16334A, 100KHz with 1V
 Isat & Irms : Agilent/HP 4284A, 100KHz with 1V
 Rdc : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat for Inductance drop 30% from its value without current
 Irms for a 40°C rise above 25°C ambient
 Operating temperature range from -55°C to 125°C. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
2
4
6
8
10
12
14
16
18
20
22
24
00.511.5
22.53
DC Current(A)
4R7
6R8
100
150
220
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
00.51
1.522.53
DC Current(A)
4R7
6R8
100
150
220



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com