Electronic Components Datasheet Search
  English  ▼

X  

B10S Datasheet(PDF) 1 Page - Formosa MS

Part # B10S
Description  Glass passivated type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

B10S Datasheet(HTML) 1 Page - Formosa MS

  B10S Datasheet HTML 1Page - Formosa MS B10S Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount bridge Rectifier
B05S THRU B10S
Glass passivated type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Glass pas sivated junction
Mechanical data
Case : Molded plastic, JEDECTO-269AA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : marked on body
Mounting Position : Any
Weight : 0.22 gram
(V)
(V)
(V)
(V)
(oC)
B05S
B05S
50
35
50
B1S
B1S
100
70
100
B2S
B2S
200
140
200
B4S
B4S
400
280
400
B6S
B6S
600
420
600
B8S
B8S
800
560
800
B10S
B10S
1000
700
1000
SYMBOLS
MARKING
CODE
1.0
-55 to +150
Operating
temperature
V
RRM
*1
V
RMS
*2
V
R
*3
V
F
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
0.5
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
30
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 125
oC
500
uA
Thermal resistance
Junction to ambient
R
qJA
85
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
25
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
per element at 0.5A peak
Formosa MS
Dimensions in inches and (millimeters)
.165(4.2)
.106(2.7)
.275(7.0)
.008(0.2)
.043(1.1)
.106(2.7)
.193(4.9)
.031(0.8)
.150(3.8)
.090(2.3)
MAX
.027(0.7)
.090(2.3)
.177(4.5)
.019(0.5)
+
~
~
TO-269AA


Similar Part No. - B10S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B10S PANJIT-B10S Datasheet
114Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Dc Components
B10S DCCOM-B10S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Comchip Technology
B10S COMCHIP-B10S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Pan Jit International I...
B10S PANJIT-B10S Datasheet
71Kb / 3P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
B10S DAESAN-B10S Datasheet
200Kb / 2P
CURRENT 0.8 Amperes VOLTAGE 100 to 1000 Volts
More results

Similar Description - B10S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
Glass passivated type
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
Glass passivated type
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
Yea Shin Technology Co....
DB101S YEASHIN-DB101S Datasheet
355Kb / 2P
Glass passivated type
logo
Formosa MS
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
Glass passivated type
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com