Electronic Components Datasheet Search
  English  ▼

X  

NLC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NLC
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NLC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NLC Datasheet HTML 1Page - List of Unclassifed Manufacturers NLC Datasheet HTML 2Page - List of Unclassifed Manufacturers NLC Datasheet HTML 3Page - List of Unclassifed Manufacturers NLC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Wire Wound Ferrite Chip Inductors - NLC Series
NLC Series
The characteristics of this series perform low RDC and carry large
current. These unique open type inductors offer many superior
features in opposition to the molding type one of Japanese peers.
Features
Applications
 RoHS compliant
 Very strong solderability by reflow soldering and soldering iron
 Highly accurate dimensions can be mounted automatically
 Terminals are highly resistant to pull forces
 Highly resistant to mechanical shocks and pressure
 Highly reliable in environments of sudden temperature change
and humidity
 Superior IDC for DC/DC converter
 DC/DC converter such as DSC
 LCD TV
 Game console
 Portable VCRs
 Conveyable telephone and others
Product Identification
 Packaging: T:Tape and Reel
Shape and Dimensions
Recommended Pattern
NLC252018
NLC322522
Dimensions in mm
TYPE
A Max
B Max
C Max
D
E
H
I
J
NLC252018
2.92
2.50
2.20
0.51
0.51
2.54
1.02
1.27
NLC322522
3.70
2.90
2.60
0.51
0.51
2.70
1.00
2.00


Similar Part No. - NLC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC252018T TDK-NLC252018T Datasheet
63Kb / 2P
Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
Inductors For Power Line SMD
NLC322522T TDK-NLC322522T Datasheet
63Kb / 2P
Inductors For Power Line SMD
logo
YAGEO Corporation
NLC322522T-100K-N YAGEO-NLC322522T-100K-N Datasheet
732Kb / 12P
SPECIFICATION FOR APPROVAL
logo
TDK Electronics
NLC4532 TDK-NLC4532 Datasheet
47Kb / 3P
For Power Line SMD
More results

Similar Description - NLC

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F FRONTIER-0805F Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
66Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
1210F-10N FRONTIER-1210F-10N Datasheet
108Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
214Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com