Electronic Components Datasheet Search
  English  ▼

X  

FFM205 Datasheet(PDF) 1 Page - Formosa MS

Part # FFM205
Description  Fast recovery type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM205 Datasheet(HTML) 1 Page - Formosa MS

  FFM205 Datasheet HTML 1Page - Formosa MS FFM205 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Silicon Rectifier
FFM201 THRU FFM207
Fast recovery type
Features
Plastic package has Underwriters Laboratory
FlammabilityClassification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC
Terminals : Solder plated, s olderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gr am
(V)
(V)
(V)
(V)
(nS)
(
o C)
FFM201
F21
50
35
50
FFM202
F22
100
70
100
FFM203
F23
200
140
200
FFM204
F24
400
280
400
FFM205
F25
600
420
600
250
FFM206
F26
800
560
800
FFM207
F27
1000
700
1000
-55 to +150
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
T RR
*5
500
150
SYMBOLS
MARKING
CODE
1.3
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 55
oC
IO
2.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
100
uA
Thermal resistance
Junction to ambient
R
qJA
35
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
40
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
0.185(4.8)
0.177(4.4)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.165(4.2)
0.150(3.8)
0.067(1.7)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA
Formosa MS


Similar Part No. - FFM205

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM205 RECTRON-FFM205 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Leshan Radio Company
FFM205 LRC-FFM205 Datasheet
172Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
List of Unclassifed Man...
FFM205 ETC2-FFM205 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM205 WINNERJOIN-FFM205 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
SUNMATE electronic Co.,...
FFM205 SUNMATE-FFM205 Datasheet
366Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - FFM205

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-M FORMOSA-FFM101-M Datasheet
69Kb / 2P
Fast recovery type
FFM101 FORMOSA-FFM101 Datasheet
68Kb / 2P
Fast recovery type
FFM301 FORMOSA-FFM301 Datasheet
69Kb / 2P
Fast recovery type
HFM101-M FORMOSA-HFM101-M Datasheet
70Kb / 2P
Ultra fast recovery type
SFM11 FORMOSA-SFM11 Datasheet
69Kb / 2P
Super fast recovery type
logo
Gaomi Xinghe Electronic...
FFM101-M GXELECTRONICS-FFM101-M Datasheet
353Kb / 2P
Fast recovery type
logo
SHENZHEN YONGERJIA INDU...
DLF101 WINNERJOIN-DLF101 Datasheet
122Kb / 2P
Fast recovery type
F31 WINNERJOIN-F31 Datasheet
90Kb / 2P
Fast recovery type
FFM101-M WINNERJOIN-FFM101-M Datasheet
150Kb / 2P
Fast recovery type
H21 WINNERJOIN-H21 Datasheet
129Kb / 2P
Ultra fast recovery type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com