Electronic Components Datasheet Search
  English  ▼

X  

FM340 Datasheet(PDF) 1 Page - Formosa MS

Part # FM340
Description  Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM340 Datasheet(HTML) 1 Page - Formosa MS

  FM340 Datasheet HTML 1Page - Formosa MS FM340 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM320 THRU FM3100
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant EpoxyMolding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDEC DO-214AB
Terminals : Solder plated, s olderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : 0.00585 ounce, 0.195 gr am
(V)
(V)
(V)
(V)
(oC)
FM320
SS32
20
14
20
FM330
SS33
30
21
30
FM340
SS34
40
28
40
FM350
SS35
50
35
50
FM360
SS36
60
42
60
FM380
SS38
80
56
80
FM3100
S310
100
70
100
0.50
0.75
0.85
-55 to +125
-55 to +150
SYMBOLS
MARKING
CODE
Operating
temperature
V
RRM
*1
V
RMS
*2
V
R
*3
V
F
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
80
A
VR = VRRM TA =
25
oC
0.5
mA
VR = VRRM TA = 125
oC
20
mA
Thermal resistance
Junction to ambient
R
qJA
55
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
250
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Chip Schottky Barrier Diodes
Silicon epitaxial planer type
Formosa MS
0.276(7.0)
0.260(6.6)
0.012(0.3) Typ.
0.189(4.8)
0.173(4.4)
0.244(6.2)
0.228(5.8)
0.087(2.2)
0.071(1.8)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMC
0.152(3.8)
0.144(3.6)
0.032(0.8) Typ.


Similar Part No. - FM340

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM340 RECTRON-FM340 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
SHENZHEN YONGERJIA INDU...
FM340 WINNERJOIN-FM340 Datasheet
87Kb / 2P
Chip Schottky Barrier Diodes
logo
Formosa MS
FM340-A FORMOSA-FM340-A Datasheet
69Kb / 2P
Silicon epitaxial planer type
FM340-A FORMOSA-FM340-A Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM340-AL FORMOSA-FM340-AL Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM340

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
MA357J PANASONIC-MA357J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA360J PANASONIC-MA360J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL12 PACELEADER-PSL12 Datasheet
260Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com