Electronic Components Datasheet Search
  English  ▼

X  

ERT802 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ERT802
Description  Hyperfast recovery time
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ERT802 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ERT802 Datasheet HTML 1Page - Pan Jit International Inc. ERT802 Datasheet HTML 2Page - Pan Jit International Inc. ERT802 Datasheet HTML 3Page - Pan Jit International Inc. ERT802 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
March 25,2014-REV.00
ERT802
FEATURES
• Hyperfast recovery time.
• Epitaxial construction.
• Low forward voltage, high current capability.
• Exceeds environmental standards of MIL-S-19500/228.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case: Molded plastic, TO-220AC
• Terminals: Solderable to MIL-STD-750,Method 2026
• Polarity: As marking
• Weight: 0.0655 ounces, 1.859 grams.
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE
200 Volt
8 Ampere
CURRENT
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
NOTES :
1. Measured at 1 MHz and Applied Reverse Voltage of 4 Volts.
2. Reverse Recovery Tset Conditions: IF=0.5A,IR=1A,Irr=0.25A
3. Mounted on infinite heatsink
PA RA M E TE R
S YM B OL
VA L UE
UNITS
M a xi m um Re c ur r ent P eak Re ve r s e Vo ltage
V
RR M
200
V
Ma xi m um RM S Vo lta g e
V
RM S
140
V
M a xi m um D C B loc ki ng Vo ltage
V
DC
200
V
M a xi m um A ver age F o r war d C ur r ent
I
F( AV )
8A
P eak F o r war d S ur ge C ur r ent , 8. 3m s s i ng le ha lf s i ne - wave
s uper i m p o sed on r a t ed load
I
FS M
125
A
M a xi m um F o r war d Vo ltage at 8A
V
F
0. 95
V
M a xi m um D C Re ve r s e C ur r ent at Ra t ed D C B lock i ng
Vo lt age
I
R
1
A
M a xi m um Re ve r s e Re c o ve r y Ti m e ( Not e 2)
t
rr
25
ns
Typi c a l Junc t i on C apac i tanc e ( Note 1)
C
J
75
pF
Typi c a l Ther m a l Re s i s t a nc e ( Note 3)
R
JC
1. 5
O C / W
Oper ati ng J unc ti on and S t or age Te m per at ur e Ra ng e
T
J ,T STG
- 55 to + 150
O C


Similar Part No. - ERT802

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
ERT801 SEOUL-ERT801 Datasheet
438Kb / 10P
surface-mount LED
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
Industry Standard PLCC SMT package Available in multiple colors
ERT809-S SEOUL-ERT809-S Datasheet
885Kb / 25P
Applicable for automotive interior light
More results

Similar Description - ERT802

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
Hyperfast Recovery Rectifier
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
Vishay Siliconix
VS-8ETX06PBF VISHAY-VS-8ETX06PBF Datasheet
199Kb / 9P
Hyperfast recovery time
13-May-16
VS-ETH3006S-M3 VISHAY-VS-ETH3006S-M3 Datasheet
197Kb / 8P
Hyperfast recovery time
08-Jul-15
VS-APH3006HN3 VISHAY-VS-APH3006HN3 Datasheet
190Kb / 8P
Hyperfast soft recovery time
10-Jul-15
VS-APH3006L-M3 VISHAY-VS-APH3006L-M3 Datasheet
377Kb / 8P
Hyperfast soft recovery time
10-Jul-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com