Electronic Components Datasheet Search
  English  ▼

X  

ERT3EAF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ERT3EAF
Description  For surface mounted applications in order to optimize board space
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ERT3EAF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ERT3EAF Datasheet HTML 1Page - Pan Jit International Inc. ERT3EAF Datasheet HTML 2Page - Pan Jit International Inc. ERT3EAF Datasheet HTML 3Page - Pan Jit International Inc. ERT3EAF Datasheet HTML 4Page - Pan Jit International Inc. ERT3EAF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
January 7,2014-REV.00
ERT3AAF SERIES
FEATURES
• For surface mounted applications in order to optimize board space
• High temperature metallurgically bonded-no compression
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Hyperfast recovery time
• Lead free in compliance with EU RoHS 2011/65/EU directive.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity: Color band denotes cathode end
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE
50~400 Volt
3 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTES:1.Measured at 1 MHz and Applied Reverse Voltage of 4 Volt.
2.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Recover to 0.25A.
3.Mounted on a FR4 PCB, single-sided copper, with 10cm*10cm copper pad area
4.Mounted on a FR4 PCB, single-sided copper, mini pad.
1
2
Cathode
Anode
PA RA M E TE R
S YM BOL E RT3 A A F ERT3 BA F E RT3 C AF ERT3 D A F E RT3 E A F ERT3 GA F UNITS
Re c urr ent P eak Re ve r s e Vo ltage
V
RRM
50
100
150
200
300
400
V
RMS Vo ltage
V
RMS
35
7 0
105
140
210
280
V
D C B lock i ng Vo ltage
V
R
50
100
150
200
300
400
V
A verage For ward C urre nt
I
F(AV )
3A
P eak For ward S urge C urre nt : 8.3m s si ng le ha lf si ne - wave
superi m posed on ra ted load
I
FS M
75
A
F o rwar d Vo ltage at 3A
V
F
0.95
1 .2 5
V
D C Re ve rs e C urre nt a t Ra te d
D C B lock i ng Vo ltage
T
J =2 5
OCI
R
1
A
Typi cal Junc ti on C apaci ta nce
(Note 1)
C
J
50
40
pF
Typi cal Therm a l Re si stanc e ,J uncti o n to Lead ( Note 3)
J unc ti o n to A m b i e nt (No te 4 )
R
JL
R
JA
20
135
OC / W
Re ve rs e Re cove r y Ti m e
(Note 2)
T
rr
25
ns
Operati ng J unc ti o n Te m perature and S torage Te m perature
Ra ng e
T
J,T STG
-55 to +150
OC


Similar Part No. - ERT3EAF

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERT-00A ETA-USA-ERT-00A Datasheet
376Kb / 3P
30 WATT AC-DC CONVERTER
ERT-00B ETA-USA-ERT-00B Datasheet
373Kb / 3P
30 WATT AC-DC CONVERTER
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
logo
ETA-USA
ERT-FWA ETA-USA-ERT-FWA Datasheet
482Kb / 3P
30 WATT AC-DC CONVERTER
ERT-FWB ETA-USA-ERT-FWB Datasheet
482Kb / 3P
30 WATT AC-DC CONVERTER
More results

Similar Description - ERT3EAF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
For surface mounted applications in order to optimize board space
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
For surface mounted applications in order to optimize board space
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
For surface mounted applications in order to optimize board space
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
For surface mounted applications in order to optimize board space
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
For surface mounted applications in order to optimize board space.
P4SMAFJ5.0A LEIDITECH-P4SMAFJ5.0A Datasheet
463Kb / 4P
surface mounted applications in order to optimize board space
01.06.2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com