Electronic Components Datasheet Search
  English  ▼

X  

FG324 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # FG324
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 35Page - Microsemi Corporation FG324 Datasheet HTML 36Page - Microsemi Corporation FG324 Datasheet HTML 37Page - Microsemi Corporation FG324 Datasheet HTML 38Page - Microsemi Corporation FG324 Datasheet HTML 39Page - Microsemi Corporation FG324 Datasheet HTML 40Page - Microsemi Corporation FG324 Datasheet HTML 41Page - Microsemi Corporation FG324 Datasheet HTML 42Page - Microsemi Corporation FG324 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
ProASIC3E Flash Family FPGAs
Revision 14
2-25
Timing Characteristics
Table 2-27 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
7.88 0.04 1.20 1.57
0.43
8.03 6.70 2.69 2.59
10.26
8.94
ns
–1
0.56
6.71 0.04 1.02 1.33
0.36
6.83 5.70 2.29 2.20
8.73
7.60
ns
–2
0.49.
5.89 0.03 0.90 1.17
0.32
6.00 5.01 2.01 1.93
7.67
6.67
ns
4 mA
Std.
0.66
7.88 0.04 1.20 1.57
0.43
8.03 6.70 2.69 2.59
10.26
8.94
ns
–1
0.56
6.71 0.04 1.02 1.33
0.36
6.83 5.70 2.29 2.20
8.73
7.60
ns
–2
0.49
5.89 0.03 0.90 1.17
0.32
6.00 5.01 2.01 1.93
7.67
6.67
ns
6 mA
Std.
0.66
5.08 0.04 1.20 1.57
0.43
5.17 4.14 3.05 3.21
7.41
6.38
ns
–1
0.56
4.32 0.04 1.02 1.33
0.36
4.40 3.52 2.59 2.73
6.30
5.43
ns
–2
0.49
3.79 0.03 0.90 1.17
0.32
3.86 3.09 2.28 2.40
5.53
4.76
ns
8 mA
Std.
0.66
5.08 0.04 1.20 1.57
0.43
5.17 4.14 3.05 3.21
7.41
6.38
ns
–1
0.56
4.32 0.04 1.02 1.33
0.36
4.40 3.52 2.59 2.73
6.30
5.43
ns
–2
0.49
3.79 0.03 0.90 1.17
0.32
3.86 3.09 2.28 2.40
5.53
4.76
ns
12 mA
Std.
0.66
3.67 0.04 1.20 1.57
0.43
3.74 2.87 3.28 3.61
5.97
5.11
ns
–1
0.56
3.12 0.04 1.02 1.33
0.36
3.18 2.44 2.79 3.07
5.08
4.34
ns
–2
0.49
2.74 0.03 0.90 1.17
0.32
2.79 2.14 2.45 2.70
4.46
3.81
ns
16 mA
Std.
0.66
3.46 0.04 1.20 1.57
0.43
3.53 2.61 3.33 3.72
5.76
4.84
ns
–1
0.56
2.95 0.04 1.02 1.33
0.36
3.00 2.22 2.83 3.17
4.90
4.12
ns
–2
0.49
2.59 0.03 0.90 1.17
0.32
2.63 1.95 2.49 2.78
4.30
3.62
ns
24 mA
Std.
0.66
3.21 0.04 1.20 1.57
0.43
3.27 2.16 3.39 4.13
5.50
4.39
ns
–1
0.56
2.73 0.04 1.02 1.33
0.36
2.78 1.83 2.88 3.51
4.68
3.74
ns
–2
0.49
2.39 0.03 0.90 1.17
0.32
2.44 1.61 2.53 3.08
4.11
3.28
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-5 for derating values.
Table 2-28 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
11.01 0.04 1.20 1.57
0.43
11.21
9.05
2.69 2.44 13.45 11.29
ns
–1
0.56
9.36
0.04 1.02 1.33
0.36
9.54
7.70
2.29 2.08 11.44
9.60
ns
–2
0.49
8.22
0.03 0.90 1.17
0.32
8.37
6.76
2.01 1.82 10.04
8.43
ns
4 mA
Std.
0.66
11.01 0.04 1.20 1.57
0.43
11.21
9.05
2.69 2.44 13.45 11.29
ns
–1
0.56
9.36
0.04 1.02 1.33
0.36
9.54
7.70
2.29 2.08 11.44
9.60
ns
–2
0.49
8.22
0.03 0.90 1.17
0.32
8.37
6.76
2.01 1.82 10.04
8.43
ns
6 mA
Std.
0.66
7.86
0.04 1.20 1.57
0.43
8.01
6.44
3.04 3.06 10.24
8.68
ns
–1
0.56
6.69
0.04 1.02 1.33
0.36
6.81
5.48
2.58 2.61
8.71
7.38
ns
–2
0.49
5.87
0.03 0.90 1.17
0.32
5.98
4.81
2.27 2.29
7.65
6.48
ns
8 mA
Std.
0.66
7.86
0.04 1.20 1.57
0.43
8.01
6.44
3.04 3.06 10.24
8.68
ns
–1
0.56
6.69
0.04 1.02 1.33
0.36
6.81
5.48
2.58 2.61
8.71
7.38
ns
–2
0.49
5.87
0.03 0.90 1.17
0.32
5.98
4.81
2.27 2.29
7.65
6.48
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com