Electronic Components Datasheet Search
  English  ▼

X  

KBP310 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # KBP310
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBP310 Datasheet(HTML) 1 Page - Continental Device India Limited

  KBP310 Datasheet HTML 1Page - Continental Device India Limited KBP310 Datasheet HTML 2Page - Continental Device India Limited KBP310 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SINGLE PHASE SILICON BRIDGE RECTIFIER
KBP3005 - KBP310
KBP
PLASTIC PACKAGE
Ratings at Ta=25
oC Ambient Temperature unless otherwise specified. Single phase, half wave,
60Hz, resistive or inductive load. For capacitive load, derate current by 20%
KBP
KBP
KBP
KBP
KBP
KBP
KBP
3005
301
302
304
306
308
310
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
IF(AV)
A
Peak Forward Surge Current, 8.3ms single
half sine wave superimposed on rated load
(JEDEC method)
VF
V
Maximum Reverse Current
at Ta=25
oC
µA
at Rated DC Blocking Voltage
KBP3005_310Rev200805D
IR
10
UNIT
A
Maximum Forward Voltage at 3A at Ta= 25ºC
3.0
60
DESCRIPTION
SYMBOL
Maximum Average Forward Rectified Current
at T a=50ºC
IFSM
1.1
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - KBP310

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP310 MCC-KBP310 Datasheet
431Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
KBP310 YANGJIE-KBP310 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBP310 CHENG-YI-KBP310 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP310 LUGUANG-KBP310 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
Formosa MS
KBP310 FORMOSA-KBP310 Datasheet
191Kb / 6P
3.0A Glass Passivated Single Phase Bridge Rectifiers-50-1000V
More results

Similar Description - KBP310

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com