Electronic Components Datasheet Search
  English  ▼

X  

ER301A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # ER301A
Description  VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ER301A Datasheet(HTML) 2 Page - Continental Device India Limited

  ER301A Datasheet HTML 1Page - Continental Device India Limited ER301A Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 MAXIMUM NON-REPEITIVE SURGE CURRENT
ANDTEST CIRCUIT DIAGRAM
FIG.1 REVERSE RECOVERY TIME CHARACTERISTIC
RATING AND CHARACTERISTIC CURVES
(+ )
25Vdc
(appr ox)
(- )
(- )
(+ )
50
Naninductive
W
OSCILLOSCOPE
NOTE 1
NOTES: 1.Ri s e Tim e = 7ns max.
In put Im p ed an ce = 1 megoh m . 22p F
2.Ri s e Ti m e = 10n s max .
So ur c e Im ped an c e = 50 Oh m s
PUL SE
GENERATOR
NOTE 2
1
Nani nduc t i v e
W
10
Naninductive
W
SET TIME
BASE FOR
10n s /cm
+0.5A
0
-0.25
-1.0
1cm
t
rr
NUMBER OF CYCLES AT 60Hz
25
50
75
100
125
1
2
46
8 10
20
40 60 80 100
AMBIENT TEMPERATURE, C
O
.
2.0
3.0
4.0
.
1.0.
.
0
0
20
40
60
80
100
120
140
160
180
MAXIMUMAVERAGE CURRENT RATING
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD .375" (9mm) LEAD LENGTHS
REVERSE VOLTAGE, V OLTS
INSTANTANEOUS FORWARD VOLTAGE VOLTS
1
100
0
1.0
0.1
.01
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
T= 25 C
J
O
50-200V
700V
100
10
0.1
1
10
100
1
TJ = 25C
f= 1.0 MHz
Vsig = 50mVp-p
O
800V
600V
300-400V
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O
FIG.3 MAXIMUM AVERAGE FORWARD CURRENT RATING
FIG.4 TYPICAL JUNCTION CAPACITANCE
FIG.5 TYPICAL REVERSE CHARACTERISTICS
FIG.6 TYPICAL JUNCTION CAPACITANCE
http://www.trr-jx.com
ER300~ER308
SUPERFAST RECOVERY RECTIFIERS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com