Electronic Components Datasheet Search
  English  ▼

X  

PC302S Datasheet(PDF) 2 Page - Picker Components

Part # PC302S
Description  Microminiature Surface Mount Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302S Datasheet(HTML) 2 Page - Picker Components

  PC302S_14 Datasheet HTML 1Page - Picker Components PC302S_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
Single Side stable
Latching, L1 & L2
Operate Time
Set Time
Release Time
Reset Time
Insulation Resistance
Dielectric Strength
Surge Strength
Capacitance
Shock Resistance
Vibration Resistance
Allowable Max. Power
Ambient Temperature
Power Consumption
Weight
2 ms at nominal coil voltage
N/A
N/A
2 ms at nominal coil voltage
1 ms average
N/A
N/A
2 ms at nominal coil voltage.
1000 Mmegohms min. at 500 VDC, 50% RH
1000 V rms, 1 min. between coil and contacts and between adjacent parts
500 V rms, 1 min. between open contacts
1500 V, between coil and contacts (FCC Part 68)
0.4 pf max. between contacts; 0.2 pf max. between adjacent poles; 0.9 pf max. between coil and contacts
50 g, 11 ms.
10 - 55 Hz; 3mm DA
0.4 W
Consumption at 20 C
-40 degrees C to 70 degrees C
-40degrees C to 70 degrees C
0.14 to 0.2 W
0.1 to 0.3 W
5 grams approx.
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
PC302S
PC302S
Dimensions in Inches (millimeters)
Drawings are 2X actual size
CHARACTERISTICS
+
-
1 2 3 4 5
6
7
8
9
10
+
-
1 2 3 4 5
6
7
8
9
10
+
+
1 2 3 4 5
6
7
8
9
10
-
-
(14.2)
.559
(5.3)
.209
(9.3)
.366
(7.62)
.300
(2.54)
.100 TYP.
Index Mark on top of relay
indicates position of pins 1 & 10
Single Side Stable
Single Coil Latching
Dual Coil Latching
On single coil latching set polarity shown
Set Coil
Reset Coil
Pin Functions Bottom Views Shown
(6.2)
.244
(11.5)
.453
(9.56)
.376
(2.0)
.079
(0.6)
.024
(1.2)
.047
(2.2)
.086
(3.0)
.118
(1.0)
.039
(2.54)
.100 TYP.
Soldering Pad
Temporary Glue Pad
.080
(2.02)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com