Electronic Components Datasheet Search
  English  ▼

X  

PC304S Datasheet(PDF) 1 Page - Picker Components

Part # PC304S
Description  Microminiature Surface Mount Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC304S Datasheet(HTML) 1 Page - Picker Components

  PC304S Datasheet HTML 1Page - Picker Components PC304S Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microminiature Surface Mount Signal Relay
FEATURES
PC304S
Rated Load
Max. Switching Power
60 W
2 Form C
UL/CSA RATINGS
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PC304S Rev New 10-11-09
PAGE 1
2,000 volt dielectric between coil and contacts
2,500 volt surge wistand
Meets FCC Part 68 and Telecordia
Meets EN60950 / EN41003
Bifurcated contacts for high sensitivity
Single & Dual coil latching available
Sealed, immersion cleanable
RoHS Compliant
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgPd + Au (Silver Palladium + Gold Plate)
1 X 10
5
1 X 10
8
Operations
Operations
DPDT (bifurcated contacts)
Contact Form
Max. Operating Voltage
220 VDC
2A at 30 VDC
Minimum Permissible Load
10 micro A, 10 mVDC
70 mOhm max @ 1mA, 20mV
COIL DATA
ORDERING INFORMATION
Example:
PC304S
Model
-12
Type of Operation
L1: Single Coil Latching; L2: Dual Coil Latching
-L1
Coil Voltage
File # E86876
Type of Surface mount
Nil: Standard Surface Mount; H: High Connectivity Mount
-H
Type
Resistance
Must Operate
Voltage Max.
(VDC)
Release Voltage
Or
Reset Voltage
Coil
Voltage
Maximum
Voltage
Coil Power
Consumption
mW
Single
Side
Stable
.140 W
3
5
6
9
12
24
3
5
6
9
12
24
3
5
6
9
12
24
2.25
3.75
4.50
6.75
9.00
18.0
6.0
10
12
19
48
40.8
5.7
9.5
11.4
17.1
22.8
45.6
4.5
7.5
9.0
13.5
18.0
36.0
140
140
140
140
140
200
100
100
100
100
100
150
200
200
200
200
200
300
0.3
0.5
0.6
0.9
1.2
2.4
-2.25
-3.75
-4.5
-6.75
-9.00
-18.0
Note: Custom coil voltages within the ranges shown are available on special order.
Single
Coil
Latching
.100 W
Dual
Coil
Latching
.200 W
ohms + 10%
64.3
178
257
579
1028
2880
90
250
360
810
1440
3840
45
125
180
405
720
1290
2.25
3.75
4.50
6.75
9.00
18.0
2.25
3.75
4.50
6.75
9.00
18.0
2.25
3.75
4.50
6.75
9.00
18.0
Nil: Single Side Stable
-X
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant


Similar Part No. - PC304S

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC304 PICKER-PC304 Datasheet
116Kb / 2P
Microminiature Signal Relay
More results

Similar Description - PC304S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-2M12G DBLECTRO-1D-2M12G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14G DBLECTRO-1D-14G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303 Datasheet
99Kb / 2P
Microminiature Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
Microminiature Surface Mount Signal Relay
logo
American Zettler, Inc.
AZ848 AZETTLER-AZ848 Datasheet
148Kb / 4P
MICROMINIATURE SURFACE MOUNT POLARIZED RELAY
logo
Picker Components
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303_14 Datasheet
163Kb / 2P
Microminiature Signal Relay
PC304 PICKER-PC304 Datasheet
116Kb / 2P
Microminiature Signal Relay
PC302 PICKER-PC302_17 Datasheet
688Kb / 2P
Microminiature 1 Amp Signal Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com