Electronic Components Datasheet Search
  English  ▼

X  

DO-41 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # DO-41
Description  DO-41 Hermetically Sealed Glass Axial Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DO-41 Datasheet(HTML) 2 Page - Continental Device India Limited

  DO-41 Datasheet HTML 1Page - Continental Device India Limited DO-41 Datasheet HTML 2Page - Continental Device India Limited DO-41 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
on request also available in 26 mm Tape and Ammo Pack
INNER CARTON BOX
PACKAGE
DO-41 T&A
Packing Detail
Size
Details
Net Weight/Qty
1.04kg/2.55K pcs
2.5K/ammo box
10"X3.5"X3.5"
STANDARD PACK
Qty
Qty
Qty Size
62.5K
12.7"X12.7"X20"
2.5K
30Kgs
OUTER CARTON BOX
DO-41 Glass Axial Package
52mm Taping Specification
DO-41, 52mm Taping Specification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com