Electronic Components Datasheet Search
  English  ▼

X  

D4MC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4MC
Description  Economical, High Utility Enclosed Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4MC Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4MC Datasheet HTML 1Page - Omron Electronics LLC D4MC Datasheet HTML 2Page - Omron Electronics LLC D4MC Datasheet HTML 3Page - Omron Electronics LLC D4MC Datasheet HTML 4Page - Omron Electronics LLC D4MC Datasheet HTML 5Page - Omron Electronics LLC D4MC Datasheet HTML 6Page - Omron Electronics LLC D4MC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
D4MC
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. Operating characteristics are for when the Switch is operated from direction A.
3. Make sure that the permissible OT position is not exceeded.
Molded Terminal Models (Not Approved by UL, CSA, or EN)
Use Switches with molded terminals in locations subject to dirt, dust, oil drops,
or high humidity. Molded terminals are available with all D4MC models.
Dimensions and operating characteristics are the same as the basic models.
Suffix by Location of Lead Outlet
Note: To form the model numbers for molded terminals models, add the
numbers 1 to 3 in the table above to the end of the model number in
Ordering Information on page 1.
Leads Supplied
Note: Add the VCT length to the end of the model number when ordering.
Consult with your OMRON representative for other types of lead wires
and for lead wires longer than 3 m.
How to Order
Terminal Protective Cover, Seal Rubber, and Rubber Packing (The Switch is equipped with these 3 items as a standard.)
• ZC Terminal Cover (Product code: ZC55-0002H)
• ZC Seal Rubber (Product code: SC-1404C)
• ZC Rubber Packing (Product code: ZC55-0003F)
Operating
characteristics
Model
D4MC-2020
D4MC-3030
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF max.
RF mim.
PT max.
OT min.
MD max.
2.94 N
0.39 N
---
2 mm
1.5 mm
2.94 N
0.39 N
---
2 mm
1.5 mm
Free Position
Operating position
FP max.
OP
47 mm
40
±1 mm
57.2 mm
50
±1 mm
22 max.
34.7
41R
t=1 *1
53.4
14
Seal rubber
(NBR)
(21
× 21)
21.7
15
19.5
(10)
55
22.5
18.3
FP
12.7 dia.
× 7.5 *2
OP
A
26.5
7
25.4±0.15
Terminal protective cover
Two, 4.3±0.1 dia.
mounting holes
*1. Stainless steel lever
*2. Plastic roller
Short Hinge Roller Lever
D4MC-2020
22 max.
26.5
34.7
46.6R
t=1 *1
53.4
14
Seal rubber
(NBR)
(21
× 21)
21.7
Terminal protective cover
Two, 4.3±0.1 dia.
mounting holes
*1. Stainless steel lever
*2. Plastic roller
15
19.5
(10)
55
7
22.5
18.3
FP
12.7 dia.
× 7.5 *2
OP
A
Angle of roller
swing: 90
°
25.4±0.15
One-way Action Short Hinge Roller Lever
D4MC-3030
(1)
(3)
(2)
Location of lead outlet
(Refer to left figure)
Model
COM, NC, and NO
(1) Right-hand
(2) Left-hand
(3) Underside
D4MC-
@@@1
D4MC-
@@@2
D4MC-
@@@3
Leads
Specifications
Nominal
cross-sec-
tional area
mm2
External
diameter
mm
Terminal
connections
Cable length
m
V.C.T.
(Vinyl cabtire cable)
1.25
3 conductor
10.5 dia.
Black: COM
White: NO
Red: NC
1, 3
Example:
Standard type: D4MC-5020
Location of lead outlet: Underside
Length of lead: 1 m (V.C.T. lead)
When placing your order for the above Switch specify the model
number as D4MC-5023 VCT 1M
Rubber packing
Terminal cover
Seal rubber



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com