Electronic Components Datasheet Search
  English  ▼

X  

DAC8248 Datasheet(PDF) 2 Page - Analog Devices

Part # DAC8248
Description  Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248 Datasheet(HTML) 2 Page - Analog Devices

  DAC8248 Datasheet HTML 1Page - Analog Devices DAC8248 Datasheet HTML 2Page - Analog Devices DAC8248 Datasheet HTML 3Page - Analog Devices DAC8248 Datasheet HTML 4Page - Analog Devices DAC8248 Datasheet HTML 5Page - Analog Devices DAC8248 Datasheet HTML 6Page - Analog Devices DAC8248 Datasheet HTML 7Page - Analog Devices DAC8248 Datasheet HTML 8Page - Analog Devices DAC8248 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DAC8248
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STATIC ACCURACY
Resolution
N
12
Bits
Relative Accuracy
INL
DAC8248A/E/G
±1/2
LSB
DAC8248F/H
±1
LSB
Differential Nonlinearity
DNL
All Grades are Guaranteed Monotonic
±1
LSB
Full-Scale Gain Error
1
GFSE
DAC8248A/E
±1
LSB
DAC8248G
±2
LSB
DAC8248F/H
±4
LSB
Gain Temperature Coefficient
(
∆Gain/∆Temperature)
TCGFS
(Notes 2, 3)
±2
±5
ppm/
°C
All Digital Inputs = 0s
Output Leakage Current
ILKG
TA = +25
°C
±5
±10
IOUT A (Pin 2), IOUT B (Pin 24)
TA = Full Temperature Range
±50
nA
Input Resistance (VREF A, REF B)RREF
(Note 4)
8
11
15
k
Ω
Input Resistance Match
∆R
REF
RREF
±0.2
±1%
DIGITAL INPUTS
Digital Input High
VINH
VDD = +5 V
2.4
V
VDD = +15 V
13.5
V
Digital Input Low
VINL
VDD = +5 V
0.8
V
VDD = +15 V
1.5
V
Input Current (VIN = 0 V
TA = +25
°C
±0.001 ±1
µA
or VDD and VINL or VINH)IIN
TA = Full Temperature Range
±10
µA
Input Capacitance
CIN
DB0–DB11
10
pF
(Note 2)
WR
, LDAC, DAC A/DAC B,
LSB
/MSB, RESET
15
pF
POWER SUPPLY
Supply Current
IDD
Digital Inputs = VINL or VINH
2mA
Digital Inputs = 0 V or VDD
10
100
µA
DC Power Supply Rejection Ratio
PSRR
∆V
DD = ± 5%
(
∆Gain/∆V
DD)
0.002
%/%
AC PERFORMANCE CHARACTERISTICS2
Propagation Delay
5, 6
tPD
TA = +25
°C
350
ns
Output Current Setting Time
6, 7
tS
TA = +25
°C1
µs
Output Capacitance
CO
Digital Inputs = All 0s
COUT A, COUT B
90
pF
Digital Inputs = All 1s
COUT A, COUT B
120
pF
AC Feedthrough at
FTA
VREF A to IOUT A; VREF A = 20 V p-p
IOUT A or IOUT B
f = 100 kHz; TA = +25
°C
–70
dB
FTB
VREF B to IOUT B; VREF B = 20 V p-p
f = 100 kHz; TA = +25
°C
–70
dB
REV. B
–2–
DAC8248–SPECIFICATIONS
ELECTRICAL CHARACTERlSTICS (@ VDD = +5 V or +15 V; VREFA = VREFB = +10 V; VOUTA = VOUTB = 0 V; AGND = DGND = 0 V;
TA = Full Temp Range specified in Absolute Maximum Ratings; unless otherwise noted. Specifications apply for DAC A and DAC B.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com