Electronic Components Datasheet Search
  English  ▼

X  

ADE209 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ADE209
Description  Compliant with European standards 1a1b 10A/8A polarized power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADE209 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ADE209 Datasheet HTML 1Page - Panasonic Semiconductor ADE209 Datasheet HTML 2Page - Panasonic Semiconductor ADE209 Datasheet HTML 3Page - Panasonic Semiconductor ADE209 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DE (ADE)
ASCTB175E 201202-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
For Cautions for Use.
Item
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
1 Form A
E120782
PILOT DUTY B300
R300
LR85932
PILOT DUTY B300
R300
115944
8A 250V AC (cos
φ=1.0)
1 Form A
1 Form B
E120782
PILOT DUTY B300
R300
LR85932
PILOT DUTY B300
R300
115944
8A 250V AC (cos
φ=1.0)
2 Form A
E120782
PILOT DUTY B300
R300
LR85932
PILOT DUTY B300
R300
115944
8A 250V AC (cos
φ=1.0)
5.-(2) Ambient temperature characteristics
(1 Form A 1 Form B)
Tested sample: ADE309, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
5.-(3) Ambient temperature characteristics
(2 Form A)
Tested sample: ADE209, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
–30
–20
–10
0
10
20
30
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–20
20 40
60
80
0
–40
–4
68 104
140
176
32
–30
–20
–10
0
10
20
30
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–20
20 40
60
80
0
–40
–4
68 104
140
176
32
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
Single side stable
2 coil latching type
Tolerance:
±0.3 ±.012
0.5 dia.
25.0
12.5
7.62
3.5
2.44
15.24
0.8
0.8
0.4
1.0
7.62
12.0
0.5
.020 dia.
.984
.492
.300
.138
.096
.600
.032
.032
.016
.039
.300
.472
.020
0.5 dia.
25.0
12.5
7.62
3.5
2.44
12.70
0.8
0.8
0.4
1.0
7.62
12.0
0.5
.020 dia.
0.5 dia.
.020 dia.
.984
.492
.300
.138
.096
.500
2.54
.100
.032
.032
.016
.039
.300
.472
.020
PC board pattern (Bottom view)
Single side stable
2 coil latching type
Tolerance :
±0.1 ±.004
7.62
15.24
6-1.2 dia.
7.62
.300
.600
6-.047 dia.
.300
8-1.2 dia.
7.62
12.70
7.62
2.54
8-.047 dia.
.300
.500
.300
.100
Schematic (Bottom view)
Single side stable
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Deenergized condition)
(2 Form A)
4
3
1
86
5
86
5
13
4
86
5
13
4
2coil latching type
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Reset condition)
(2 Form A)
5
6
1
7
8
4
3
2
4
3
2
1
87
6
5
1
5
6
7
8
4
3
2
CAD Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com