Electronic Components Datasheet Search
  English  ▼

X  

LM138 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM138
Description  LM138/LM338 5-Amp Adjustable Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM138 Datasheet(HTML) 3 Page - Texas Instruments

  LM138 Datasheet HTML 1Page - Texas Instruments LM138 Datasheet HTML 2Page - Texas Instruments LM138 Datasheet HTML 3Page - Texas Instruments LM138 Datasheet HTML 4Page - Texas Instruments LM138 Datasheet HTML 5Page - Texas Instruments LM138 Datasheet HTML 6Page - Texas Instruments LM138 Datasheet HTML 7Page - Texas Instruments LM138 Datasheet HTML 8Page - Texas Instruments LM138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM138, LM338
www.ti.com
SNVS771B – MAY 1998 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN − VOUT = 5V; and IOUT = 10 mA.
(1)
LM138
Symbol
Parameter
Conditions
Units
Min
Typ
Max
θJA
Thermal Resistance, Junction to
NDS Package
35
°C/W
Ambient (No Heat Sink)
Electrical Characteristics
LM338
Symbol
Parameter
Conditions
Units
Min
Typ
Max
VREF
Reference Voltage
3V
≤ (VIN − VOUT) ≤ 35V,
1.19
1.24
1.29
V
10 mA
≤ IOUT ≤ 5A, P ≤ 50W
VRLINE
Line Regulation
3V
≤ (VIN − VOUT) ≤ 35V
(1)
0.005
0.03
%/V
0.02
0.06
%/V
VRLOAD
Load Regulation
10 mA
≤ IOUT ≤ 5A
(1)
0.1
0.5
%
0.3
1
%
Thermal Regulation
20 ms Pulse
0.002
0.02
%/W
IADJ
Adjustment Pin Current
45
100
μA
ΔIADJ
Adjustment Pin Current Change
10 mA
≤ IOUT ≤ 5A,
0.2
5
μA
3V
≤ (VIN − VOUT) ≤ 35V
ΔVR/T
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
%
ILOAD(Min)
Minimum Load Current
VIN − VOUT = 35V
3.5
10
mA
ICL
Current Limit
VIN − VOUT ≤ 10V
DC
5
8
A
0.5 ms Peak
7
12
A
VIN − VOUT = 30V
1
A
VN
RMS Output Noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003
%
ΔVR/ΔVIN
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
60
dB
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
60
75
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.3
1
%
θJC
Thermal Resistance
NDS Package
1
°C/W
Junction to Case
NDE Package
4
°C/W
θJA
Thermal Resistance, Junction to
NDS Package
35
°C/W
Ambient (No Heat Sink)
NDE Package
50
°C/W
(1)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM138 LM338



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com