Electronic Components Datasheet Search
  English  ▼

X  

LM3492 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3492
Description  Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3492 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3492 Datasheet HTML 9Page - Texas Instruments LM3492 Datasheet HTML 10Page - Texas Instruments LM3492 Datasheet HTML 11Page - Texas Instruments LM3492 Datasheet HTML 12Page - Texas Instruments LM3492 Datasheet HTML 13Page - Texas Instruments LM3492 Datasheet HTML 14Page - Texas Instruments LM3492 Datasheet HTML 15Page - Texas Instruments LM3492 Datasheet HTML 16Page - Texas Instruments LM3492 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM3492, LM3492Q
www.ti.com
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
Output Voltage Feedback
The output voltage is fed back to the FB pin through a feedback circuit consists of RFB1, RFB2, and CFB as shown
in Figure 21. The value of CFB is recommended to be 10 pF in order to help feed the AC component of the output
voltage back. The DC component of the output voltage is fed back by RFB1 and RFB2. The voltage of the FB pin
VFB can be adjusted from 1.05V to 2.5V by DHC. The maximum output voltage of the boost converter VOUT(MAX)
is
VOUT(MAX) = 2.5V (1 + RFB1/ RFB2)
(3)
Under DHC, the output voltage should be maintained at a nominal voltage but not the maximum. The nominal
output voltage (VOUT(NOM)) is
VOUT(NOM) = max (VLED,n + VIOUT,n), n = 1, 2
where
•
VLED,n is the forward voltage of LED string n
•
VIOUT,n is the voltage of the IOUTn pin
•
where n is 1, 2 for channels 1, 2 of the current regulator)
(4)
The minimum value of VIOUT,n is about 5Ω x ILED. It is recommended that the nominal voltage of the FB pin
(VFB(NOM)) is between 1.05V to 2V. Hence, the equation relating VOUT(MAX), VOUT(NOM), and VFB(NOM) is as follows:
VOUT(MAX) = VOUT(NOM) x 2.5V / VFB(NOM)
(5)
Figure 21. Output Voltage Feedback Circuit
Bi-Directional Communication Pin
The COMM pin of the LM3492 is an open-drain bi-directional I/O pin for interfacing with an external MCU for the
following functions: power-good indication, over-temperature indication, IOUT over- and under-voltage
indications, switching frequency tuning, and channel 1 disabling. Except the power good indication and the over-
temperature alert, all data flow through the COMM pin is serial and is latched by the falling edge of the signal
applying to the DIM1 pin, even when channel 1 of the current regulator is disabled. If the DIM1 pin stays only low
or only high, either by an external circuit or letting it open and pull low internally, data flow will not happen.
Figure 22 and Figure 23 show a timing diagram of reading and writing a bit from and to the LM3492 through the
COMM pin.
The COMM pin should be pull-up by an MCU I/O pin which has pull-up capability or an external resistor RCOMM to
the VCC pin. Otherwise, the voltage of the COMM pin will remain at zero. The rise time of the output signal of the
COMM pin depends on the pull-up power. If the rise time is long (RCOMM is too large or pull-up power from the
connecting MCU I/O pin is too weak), data may be ready after a longer duration after the falling edge. In this
case, a longer delay between the falling edge latching and the (input or output) bit is required.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3492 LM3492Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com