Electronic Components Datasheet Search
  English  ▼

X  

PC378 Datasheet(PDF) 2 Page - Picker Components

Part # PC378
Description  Low Profile Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC378 Datasheet(HTML) 2 Page - Picker Components

  PC378_14 Datasheet HTML 1Page - Picker Components PC378_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC378
PC378
COIL DATA
Coil Voltage
5
6
12
24
48
60
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
Consumption
W
113
164
620
2350
8000
3.5
4.2
8.4
16.8
33.6
42.0
0.5
0.6
1.2
2.4
4.8
6.0
0.22
0.22
0.23
0.25
0.29
0.29
_
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
12500
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
1 Form C, 3.2 mm Spacing
.744
(18.9)
.252
(6.4)
.126
(3.2)
.300
(7.62)
1 Form A, 5 mm Spacing
.744
(18.9)
.200
(5.08)
.300
(7.62)
(28.5)
1.12
(12.5)
.495
(3.6)
.142
(10.1)
.398
(28.5)
1.12
(12.3)
.484
(3.6)
.142
(10.1)
.398
(1.3)
.051 Dia. Typ.
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
2 Form C, 3.2 mm Spacing
.744
(18.9)
.252
(6.4)
.126
(3.2)
.300
(7.62)
(28.5)
1.12
(12.5)
.495
(3.6)
.142
(10.1)
.398
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
5 mm DPDT 8 Amp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com