Electronic Components Datasheet Search
  English  ▼

X  

PC415 Datasheet(PDF) 1 Page - Picker Components

Part # PC415
Description  10 AMP Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC415 Datasheet(HTML) 1 Page - Picker Components

  PC415_14 Datasheet HTML 1Page - Picker Components PC415_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Load Type
UL/CSA RATINGS
CHARACTERISTICS
Power Consumption
ORDERING INFORMATION
Example:
PC415
Model
-1A
1A: 1A, 1B: 1B, 1C: 1C
S
CONTACT DATA
Insulation System
Nil: Class B, F: Class F
Contact Form
Contact Material
Nil: AgCdO, T: AgSnO, G: AgCdO + Gold Plate
G
F
Coil Voltage
-12
File # E86876
Enclosure
S: Sealed; C: Dust Cover
Lead Free & RoHS Compliant
-X
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
Coil Sensitivity
Nil: 360mW, B: 450 mW, L: 800mW
H


Similar Part No. - PC415_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC415-1A-12CF-X PICKER-PC415-1A-12CF-X Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC415-1A-12CNIL-X PICKER-PC415-1A-12CNIL-X Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC415-1A-12SF-X PICKER-PC415-1A-12SF-X Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC415-1A-12SNIL-X PICKER-PC415-1A-12SNIL-X Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC415-1A-24CF-X PICKER-PC415-1A-24CF-X Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
More results

Similar Description - PC415_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH410 PICKER-PCH410 Datasheet
177Kb / 2P
10 Amp Subminature PCB Power Relay
PC333 PICKER-PC333 Datasheet
178Kb / 2P
12 Amp Subminature PCB Power Relay
PC834 PICKER-PC834 Datasheet
188Kb / 2P
12 Amp Subminature PCB Power Relay
PC835 PICKER-PC835 Datasheet
189Kb / 2P
10 Amp Subminature PCB Power Relay
PC520 PICKER-PC520 Datasheet
162Kb / 2P
20 Amp Subminature PCB Power Relay
PC415 PICKER-PC415 Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC420 PICKER-PC420 Datasheet
139Kb / 2P
20 Amp Subminature PCB Power Relay
PC333 PICKER-PC333_14 Datasheet
259Kb / 2P
12 Amp Subminature PCB Power Relay
PC415H PICKER-PC415H Datasheet
70Kb / 2P
15 Amp Subminature PCB Power Relay
PC835 PICKER-PC835_14 Datasheet
196Kb / 2P
10 Amp Subminature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com