Electronic Components Datasheet Search
  English  ▼

X  

PC457 Datasheet(PDF) 2 Page - Picker Components

Part # PC457
Description  Ultra Slim Inline Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC457 Datasheet(HTML) 2 Page - Picker Components

  PC457_14 Datasheet HTML 1Page - Picker Components PC457_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC457
PC457
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters)
Side View
End View
COIL DATA
Coil Voltage
5
6
12
18
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
208
300
1200
2700
3200
3.5
4.2
8.4
12.6
16.8
0.25
0.30
0.60
0.90
1.20
5.5
6.6
13.2
19.8
26.4
_
9
675
6.3
0.45
9.9
Wiring Diagram
Drawings are 2X actual size
.197
(5.0)
(12.5)
.504
(1.1)
.046
(20.0)
.787
(3.5)
.138
(2.54)
.100
(10.16)
.400
(5.08)
.200
(2.54)
.100
Grid Pattern
(1.2)
.047
Dia. 4 Places
Hole Pattern
Relays previously tested or used above 10mA at 6VDC or higher
are not recommended for subsequent use in low level applications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com