Electronic Components Datasheet Search
  English  ▼

X  

PC567 Datasheet(PDF) 1 Page - Picker Components

Part # PC567
Description  Ultraminiat ure Au tomotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC567 Datasheet(HTML) 1 Page - Picker Components

  PC567 Datasheet HTML 1Page - Picker Components PC567 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature Automotive PCB Twin Power Relay
FEATURES
Ultraminiature design very light weight
Sensitive Coil (low pull in voltage) available
Sealed, immersion cleanable
Contact switching capacity up to 30 Amps
Up to105 degrees C operating temperature
PC567
Max. Switching Voltage
16 VDC
CONTACT RATINGS
CHARACTERISTICS
Operate Time
2.5 ms. typical (no coil suppression)
Release Time
Insulation Resistance
1.2 ms. typical (no coil suppression)
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.64 W and 0.80 W
Ambient Temperature Range
-40 to 85 degrees C or -40 to 105 degrees C operating
Weight
4.1 grams approx.
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PC567 Rev B 4-14-04
PAGE 1
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 106
1 X 10 5
Operations
Operations
Contact Form
Max Switching Current
25 Amps at 14 VDC
30 Amps
25 Amps
Max. Continuous Current
Max. Switching Power
480 W
Drop Resistance
1 Meter height drop on concrete
Motor Locked Rotor
ORDERING INFORMATION
Example:
PC567
Model
-2C
Contact Form
Coil Power
-12
Nil: 0.64 W; H: Sensitive 0.80 W
Coil Voltage
H
2A or 2C
Ambient Temperature Rating
Nil: 85 Degrees C; F: 105 Degrees C
F
2 X Form A or 2 X Form C
2 X SPST NO or 2 X SPDT


Similar Part No. - PC567

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC5672A-12 PICKER-PC5672A-12 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC5672A-12F PICKER-PC5672A-12F Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC5672A-12H PICKER-PC5672A-12H Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC5672A-12HF PICKER-PC5672A-12HF Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
More results

Similar Description - PC567

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC617 PICKER-PC617 Datasheet
235Kb / 2P
Automotive Twin PCB Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537_14 Datasheet
210Kb / 2P
Ultraminiat ure Au tomotive PCB Power Relay
PC549 PICKER-PC549_14 Datasheet
126Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
PC565 PICKER-PC565_14 Datasheet
156Kb / 2P
Ultraminiat ure Au tomotive PCB Power Relay
PC566 PICKER-PC566_14 Datasheet
162Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
Automotive Twin PCB Power Relay
PC636 PICKER-PC636_14 Datasheet
111Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
Automotive Twin PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com