Electronic Components Datasheet Search
  English  ▼

X  

PC740 Datasheet(PDF) 1 Page - Picker Components

Part # PC740
Description  40 Amp Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC740 Datasheet(HTML) 1 Page - Picker Components

  PC740 Datasheet HTML 1Page - Picker Components PC740 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 Amp Power Relay
FEATURES
1/4 inch male QC terminals
Up to 40 amp switching capacity
Up to 2 horsepower rating
PC740
Load Type
General Purpose
Resistive
Motor
Voltage
120 VAC
250 VAC
28 VDC
240 VAC
120 VAC
40 A
40 A
40 A
2 HP
1 1/2 HP
UL RATINGS
CHARACTERISTICS
Operate Time
15 ms. Max.
Release Time
Insulation Resistance
10 ms. Max.
500 megohms min, at 500VDC, 50%RH
Dielectric Strength
2500 Vrms, 1 min. between coil and contacts
1500 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 2 mm, 10-50 Hz
Power Consumption
DC coil 2.5 W, AC coil 5.5 VA
Ambient Temperature Range
-40 to 70 C, -40 to 130 C storage
Weight
115 grams approx.
120 VAC
250 VAC
40 A
40 A
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
All Contacts
PC740 Rev B 9-13-07
1500 Vrms, 1 min. between contact poles
PAGE 1
File # E93379
ORDERING INFORMATION
Example:
PC740-
Model
Coil Voltage
2C-
Contact Form
1C, 2C, or 3C
120 A
XXX D or XXX A
Case Style
C3: Top Flange, C4: Plain Case Base with Inserts
C1-
3 Pole
All Contacts
40 A
30 A
40 A
30 A
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 24VDC
1 X 10
7
1 X 10
5
Operations
Operations
2 Pole
30 A
28 VDC
40 A
30 A
Four mounting styles
AC coils up to 240 V, DC coils up to110 V
RoHS compliant
C: Plain Case, C1: Side Flange


Similar Part No. - PC740

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC740-2A-C-120A-P PICKER-PC740-2A-C-120A-P Datasheet
643Kb / 4P
40 Amp Power Relay
PC740-2A-C1-120A-P PICKER-PC740-2A-C1-120A-P Datasheet
643Kb / 4P
40 Amp Power Relay
PC740-2A-C3-120A-P PICKER-PC740-2A-C3-120A-P Datasheet
643Kb / 4P
40 Amp Power Relay
PC740-2A-C4-120A-P PICKER-PC740-2A-C4-120A-P Datasheet
643Kb / 4P
40 Amp Power Relay
PC740-2C-C-120A-P PICKER-PC740-2C-C-120A-P Datasheet
643Kb / 4P
40 Amp Power Relay
More results

Similar Description - PC740

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ21001 AZETTLER-AZ21001 Datasheet
122Kb / 2P
40 AMP MINIATURE POWER RELAY
AZ21501 AZETTLER-AZ21501 Datasheet
107Kb / 2P
40 AMP MINIATURE POWER RELAY
logo
Picker Components
PTRD PICKER-PTRD_14 Datasheet
121Kb / 2P
40 AMP Power PCB Relay
PTRD-OT PICKER-PTRD-OT Datasheet
269Kb / 2P
40 Amp Power PCB Relay
PC740 PICKER-PC740_16 Datasheet
643Kb / 4P
40 Amp Power Relay
PTRD PICKER-PTRD_15 Datasheet
330Kb / 2P
40 Amp Power PCB Relay
PTRD-T PICKER-PTRD-T_15 Datasheet
273Kb / 2P
40 Amp Power PCB Relay
PC740 PICKER-PC740_17 Datasheet
1Mb / 4P
40 Amp Power Relay
PTRD PICKER-PTRD_17 Datasheet
3Mb / 3P
40 Amp Power PCB Relay
PTRD-OT PICKER-PTRD-OT_17 Datasheet
1Mb / 4P
40 Amp Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com