Electronic Components Datasheet Search
  English  ▼

X  

PC782 Datasheet(PDF) 1 Page - Picker Components

Part # PC782
Description  Micro Automotive Plug In / PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC782 Datasheet(HTML) 1 Page - Picker Components

  PC782 Datasheet HTML 1Page - Picker Components PC782 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
CONTACT RATINGS 14VDC
PC782 Rev D 12-03-13
PAGE 1
ORDERING INFORMATION
Example:
PC782
Model
-1C
Contact Form
Parallel Component
-P
CONTACT DATA
AgSnOInO (Silver Tin Oxide Indium Oxide)
Nil: None; D: Diode; R: Resistor
Coil Voltage 6, 12, 24, 48
-12
AgNiO 15 (Silver Nickel Oxide 15%)
S
1A or 1C
Mounting Version
Nil: Plug-IN; P: PCB
-R
Enclosure
C: Dust Cover, S: Sealed Case


Similar Part No. - PC782

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12C PICKER-PC7821A-12C Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12CD PICKER-PC7821A-12CD Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12CR PICKER-PC7821A-12CR Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12S PICKER-PC7821A-12S Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC782

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC792A PICKER-PC792A Datasheet
134Kb / 3P
Automotive Plug-In / PCB Power Relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
Automotive Plug-In / PCB Power Relay
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 AEC-DG84 Datasheet
269Kb / 3P
micro plug-in/pcb automotive relay
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
micro plug-in/pcb automotive relay
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com