Electronic Components Datasheet Search
  English  ▼

X  

PC822A Datasheet(PDF) 2 Page - Picker Components

Part # PC822A
Description  Miniature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC822A Datasheet(HTML) 2 Page - Picker Components

  PC822A Datasheet HTML 1Page - Picker Components PC822A Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC822
PC822
COIL DATA
Coil Voltage
6
12
18
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
19
42.6
90
6.3
8.4
0.9
1.2
11.7
15.6
_
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
4.2
0.6
7.8
Dimensions in Inches (millimeters)
Side View
End View
Wiring Diagram
9
202.5
12.6
1.8
23.4
Bottom View
(21.5)
.846
(26.5)
1.04
(21.5)
.846
(3.5)
.138
Bottom View
PC Board Layout
.251
(6.4)
.148
(3.75)
.467
(12.1)
.586
(14.9)
.211
(5.35)
.148
(3.75)
.092
(2.33)
.483
(12.28)
.161
(4.08)
.173
(4.4)
.626
(15.9)
.398
(10.1)
.232
(5.9)
(3.6)
.251
(6.4)
.130
(3.3)
.467
(12.1)
.087
(2.2)
.520
(13.2)
.087
(2.2)
.141
US FOOTPRINT
EUROPEAN FOOTPRINT
PC Hole Sizes
Bottom View
.083 (2.1) Dia.
2 Places
.055 (1.4) Dia.
2 Places
.087 (2.2) Dia.
3 Places
Maximum make current refers to inrush of a lamp load
Make current of 180 Amps permissable with AgSnOInO contacts
In 85 degree C ambient reduce maximum coil voltage to 72%
Pin 4
This pin removed on version A1
24
360
Standard
16.8
Low Pull In
Voltage Max.
(VDC)
5.1
6.8
3.3
10.2
Special
13.9
2.4
31.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com