Electronic Components Datasheet Search
  English  ▼

X  

CMS442RTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMS442RTP
Description  WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMS442RTP Datasheet(HTML) 1 Page - Visual Communications Company

  CMS442RTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.307
7.8mm
.370
9.40mm
MODEL
ORDERING CODE :
CMS 442 XXX
Seal- EPDM
REV.
Retaining ring - Thermoplastic, U.L. 94 V0 Rated
SMU
Lock Washer- FH Steel, Nickel plate
U.S. & Foreign Pat. Issued & Pend.
3.
SEE NOTES
MATERIAL: Lens-Polycarbonate, UL 94-V2
SEE NOTES
card is inserted into the case.
retaining ring. PCB mounted LEDs slide into lens when the panel cover is closed or the PCB
2.
ASSEMBLY: Insert lens through panel hole, slide lock washer onto lens barrel and twist on
chamfered.
Panel thickness .031 [.8mm] to .125 [3.18mm]. Panel hole should be deburred, but not
1.
.05] panel hole on .500 [12.7mm] centers.
ADDED CMC 443 & CMS 444; UPDATE DRAWING
FORMAT
12-5-08
JG
001
REVISED PER ECR111009AZ01
4-23-10
DATE
4.
INITIALS
DESCRIPTION
1
NOTES:
MOUNTING: Mounts in a
.312 .002 [
7.92mm
REVISIONS
ECN#
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
RING
WASHER
PANEL
LED
DISPLAY
LENS
LOCK
RETAINING
PCB
ASSEMBLY
SEAL
LOCK
WASHER
RETAINING
RING
±.003
.344
8.74mm
7.49mm
.295
.432
10.97mm
.430
10.92mm
0.41mm
0.86mm±0.08
.430
10.93mm
.150
3.81mm
.016
.034
.330
8.38mm
4-23-10
CMS 442 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
4-23-10
SMU
DZ
WITH SEAL
.005
WITHOUT THE WRITTEN PERMISSION OF
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 4:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
APPROVAL
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
VISUAL COMMUNICATIONS COMPANY, INC. ANY
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
5MM ROUND STANDARD
THREADED FRESNEL LENS
001


Similar Part No. - CMS442RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
More results

Similar Description - CMS442RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF280RTP VCC-CLF280RTP Datasheet
90Kb / 1P
5MM ROUND STANDARD HEIGHT FRESNEL LENS
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS
CMS322RTP VCC-CMS322RTP Datasheet
74Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS W/SEAL
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS444RTP VCC-CMS444RTP Datasheet
87Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CLF-280 VCC-CLF-280 Datasheet
90Kb / 1P
HEIGHT FRESNEL LENS 5MM ROUND STANDARD
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
THREADED FRESNEL LENS 5MM ROUND STANDARD
CMS-322 VCC-CMS-322 Datasheet
74Kb / 1P
FRESNEL LENS W/SEAL 5MM ROUND LOW PROFILE
CMS-444 VCC-CMS-444 Datasheet
87Kb / 1P
SEAL 5MM ROUND STANDARD THREADED PLAIN LENS WITH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com