Electronic Components Datasheet Search
  English  ▼

X  

CMS322CTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMS322CTP
Description  FRESNEL LENS W/SEAL 5MM ROUND LOW PROFILE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMS322CTP Datasheet(HTML) 1 Page - Visual Communications Company

  CMS322CTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RNG 268
REVISIONS
SEE NOTES
ECN#
(ORDER SEPARATELY)
SEE NOTES
RETAINER
chamfered.
REV.
ASSEMBLY: Insert lens through panel hole, slide RNG 268 retainer on back of lens. PCB
DESCRIPTION
2.
DATE
mounted LEDs slide into lens when the panel cover is closed or the PCB card is inserted into
INITIALS
1
ADD GLO SERIES. CHANGED ORDERING CODE
FORMAT
4-21-09
AZ
001
REVISED PER ECR111009AZ01
6/14/10
KH
.05] panel hole on .375 [9.5mm] centers.
1.
Panel thickness .031 [0.8mm] to .125 [3.18mm]. Panel hole should be deburred, but not
5.
U.S. & Foreign Pat. Issued & Pend.
4.
Meets NEMA 4 standards
Seal- TPE
GLO Series- Polycarbonate & Acrylic blend
3.
MATERIAL: Polycarbonate, UL 94-V2
the case.
NOTES:
MOUNTING: Mounts in a
.281 .002 [
7.13mm
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
GLO
WHITE TRANSLUCENT
CMS 322 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
6/14/10
6/14/10
K.Howard
DZ
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
FRESNEL LENS W/SEAL
DWG. NO.
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
VISUAL COMMUNICATIONS COMPANY, INC.
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
APPROVAL
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
EDGES .030 MAX
BREAK ALL CORNERS AND SHARP
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
VISUAL COMMUNICATIONS COMPANY, INC. ANY
SCALE: 6:1
DRAWING IS THE SOLE PROPERTY OF
THE INFORMATION CONTAINED IN THIS
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND LOW PROFILE
001
ORDERING CODE :
MODEL
CMS 322 XXX
MOISTURE
DISPAY PANEL
ASSEMBLY
SEAL
PCB
LED
LENS WITH
RNG 268
RETAINER
(7.14mm)
.281
(7.62mm)
.300
(8.38mm)
.330
(6.27mm)
.247
.070
(1.78mm)
.260
(6.60mm)


Similar Part No. - CMS322CTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMS322CTP VCC-CMS322CTP Datasheet
74Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS W/SEAL
More results

Similar Description - CMS322CTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLB300RTP VCC-CLB300RTP Datasheet
82Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS
logo
Telecommunication Elec...
CMC321RTP TELTRON-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
logo
Visual Communications C...
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMS322RTP VCC-CMS322RTP Datasheet
74Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS W/SEAL
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
logo
List of Unclassifed Man...
SMS172XXX ETC2-SMS172XXX Datasheet
96Kb / 1P
3MM FRESNEL LENS W/ MOISTURE SEAL, ROUND LOW PROFILE
logo
Visual Communications C...
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CML-325 VCC-CML-325 Datasheet
77Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com