Electronic Components Datasheet Search
  English  ▼

X  

IRF540ZLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF540ZLPBF
Description  Advanced Process Technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF540ZLPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF540ZLPBF Datasheet HTML 2Page - International Rectifier IRF540ZLPBF Datasheet HTML 3Page - International Rectifier IRF540ZLPBF Datasheet HTML 4Page - International Rectifier IRF540ZLPBF Datasheet HTML 5Page - International Rectifier IRF540ZLPBF Datasheet HTML 6Page - International Rectifier IRF540ZLPBF Datasheet HTML 7Page - International Rectifier IRF540ZLPBF Datasheet HTML 8Page - International Rectifier IRF540ZLPBF Datasheet HTML 9Page - International Rectifier IRF540ZLPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRF540Z/S/LPbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
ID = 250µA
1K
VCC
DUT
0
L
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
140
160
180
ID
TOP
8.3A
14A
BOTTOM 20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com