Electronic Components Datasheet Search
  English  ▼

X  

CVG640 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CVG640
Description  NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CVG640 Datasheet(HTML) 1 Page - Continental Device India Limited

  CVG640 Datasheet HTML 1Page - Continental Device India Limited CVG640 Datasheet HTML 2Page - Continental Device India Limited CVG640 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL
CVG639 (NPN)
TRANSISTORS
CVG640 (PNP)
TO-237
EBC
Driver Stages of Audio Amplifier Application
ABSOLUTE MAXIMUM RATINGS(Ta=25 deg C )
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector -Base Voltage
VCBO
150
V
Collector -Emitter Voltage
VCEO
135
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
1.0
A
Peak
ICM
1.5
A
Base Current Continuous
IB
100
mA
Peak
IBM
200
mA
Power Dissipation@ Ta=25 deg C
PD
750
mW
Derate Above 25 deg C
6.0
mW/deg C
Power Dissipation@ Tc=25 deg C
PD
2.5
W
Derate Above 25 deg C
20
mW/deg C
Operating & Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
UNITS
Min
Max
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
135
-
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
150
-
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
5.0
-
V
Collector-Cut off Current
ICBO
VCB=30V, IE=0
-
100
nA
VCB=30V, IE=0, Ta=125 deg C
-
10
uA
Base Emitter on Voltage
VBE(on) *
IC=500mA, VCE=2V
-
1.0
V
Collector Emitter Saturation Voltage
VCE(Sat) * IC=500mA, IB=50mA
-
0.5
V
DC Current Gain
hFE
IC=5mA, VCE=2V
25
-
IC=150mA,VCE=2V *
80
-
IC=500mA,VCE=2V *
15
-
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Description - CVG640

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com