Electronic Components Datasheet Search
  English  ▼

X  

D100 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # D100
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

D100 Datasheet(HTML) 1 Page - Continental Device India Limited

  D100 Datasheet HTML 1Page - Continental Device India Limited D100 Datasheet HTML 2Page - Continental Device India Limited D100 Datasheet HTML 3Page - Continental Device India Limited D100 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
C100
PNP
D100
NPN
TO-92
Plastic Package
These are complementary transistors for medium power voltage and current amplifier
applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCER
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Power Dissipation @ Ta=25ºC
Power Dissipation @ Tc=25ºC
THERMAL CHARACTERISTICS
Thermal Resistance Junction-to-
Ambient
Rth(j-a)
oC/W
Thermal Resistance Junction-to-Case
Rth(j-c)
oC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Base Voltage
VCBO
IC=100µA,IE=0
60
V
Collector Emitter Voltage
VCER
*
IC=10mA,RBE=1KΩ
50
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
5
V
Collector Cut off Current
ICBO
VCB=40V, IE = 0
50
nA
Emitter Cut off Current
IEBO
VBE=4V, IC = 0
25
nA
DC Current Gain
hFE
*
VCE=1V, IC=150mA
50
280
Collector-Emitter Saturation Voltage
VCE(sat)*
IC=150mA, IB=15mA
0.6
V
Base-Emitter ON Voltage
VBE(on)*
IC=150mA, VCE=1V
0.9
V
*Pulse Condition: Pulse Width < 300us, Duty Cycle < 2%.
C100_D100 Rev_1 301104D
PD
156.3
250
1
500
800
VALUE
60
50
5
mW
Operating And Storage Junction
Temperature Range
Tj, Tstg
-55 to +150
ºC
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - D100

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Ohmite Mfg. Co.
D100 OHMITE-D100 Datasheet
261Kb / 2P
Rugged lead free vitreous enamel coating
logo
Tyco Electronics
D100-3X MACOM-D100-3X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
D100-4X MACOM-D100-4X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
D100-5X MACOM-D100-5X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
More results

Similar Description - D100

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com