Electronic Components Datasheet Search
  English  ▼

X  

BZX79C2V4 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BZX79C2V4
Description  SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX79C2V4 Datasheet(HTML) 2 Page - Continental Device India Limited

  BZX79C2V4 Datasheet HTML 1Page - Continental Device India Limited BZX79C2V4 Datasheet HTML 2Page - Continental Device India Limited BZX79C2V4 Datasheet HTML 3Page - Continental Device India Limited BZX79C2V4 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Device
VZT
@ IZT * rZT @
IZT
rZK
@ IZK
IR
@
VR
IZM
Tamb
25 deg C 150degC
min
max
max
max
min
max
max
max
max
(V)
(V)
(ohm)
(mA)
(ohm)
(mA)
(uA)
(uA)
(V)
(mA)
BZX79C 24
22.80
25.60
70
5.0
250
1.0
18.4
22
0.05
2.0
17
16
BZX79C 27
25.10
28.90
80
2.0
300
0.5
21.4
25.3
0.05
2.0
19
14
BZX79C 30
28.00
32.00
80
2.0
300
0.5
24.4
29.4
0.05
2.0
21
13
BZX79C 33
31.00
35.00
80
2.0
325
0.5
27.4
33.4
0.05
2.0
23
12
BZX79C 36
34.00
38.00
90
2.0
350
0.5
30.4
37.4
0.05
2.0
25
11
BZX79C 39
37.00
41.00
130
2.0
350
0.5
33.4
41.2
0.05
2.0
27
10
BZX79C 43
40.00
46.00
150
2.0
375
0.5
37.6
46.6
0.05
2.0
29
9.2
BZX79C 47
44.00
50.00
170
2.0
375
0.5
42
51.8
0.05
2.0
33
8.5
BZX79C 51
48.00
54.00
180
2.0
400
0.5
46.6
57.2
0.05
2.0
36
7.8
*Pulse Condition : 20ms= tp=50ms . Duty Cycle=2%
(mV/deg C)
Temp. Coeff
of
VZ
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com