Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BUX84
Description  NPN PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BUX84 Datasheet(HTML) 2 Page - Continental Device India Limited

  BUX84 Datasheet HTML 1Page - Continental Device India Limited BUX84 Datasheet HTML 2Page - Continental Device India Limited BUX84 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
2.0
A
Collector current (Peak value)
ICM
max.
3.0
A
Base current
IB
max.
0.75
A
Total power dissipation up to TC = 25°C
Ptot
max.
40
W
Junction temperature
Tj
max.
150
ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
=
3.125
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
84
84A
Collector cutoff current
VBE = 0; VCE = Rated VCES
ICES
max.
0.2
mA
VBE = 0; VCE = Rated VCES; TC = 125°C
ICES
max.
1.5
mA
Emitter cut-off current
IC = 0; VEB = 5V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)* min.
400
V
IC = 1 mA; VBE = 0
VCES
min.
800
V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 0.3 A; IB = 30 mA
VCEsat*
max. 1.5
0.8 V
IC = 1 A; IB = 0.2 A
VCEsat*
max. 3.0
1.0 V
VBEsat*
max.
1.1
V
D.C. current gain
IC = 0.1 A; VCE = 5 V
hFE*
min.
30
Transition frequency f = 1 MHz
IC = 0.2 A; VCE = 10 V
fT
typ.
20
MHz
Switching time
IC = 1A; VCC = 250V
IB = 0.2A; –IB = 0.4A
Turn on time
ton
max
0.5
µs
Storage time
ts
max.
3.5
µs
Fall time
tf
max.
1.4
µs
* Pulsed: pulse duration = 300 µs; duty cycle
≤ 2%.
BUX84, BUX84A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com