Electronic Components Datasheet Search
  English  ▼

X  

BTB16 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BTB16
Description  Triac Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BTB16 Datasheet(HTML) 1 Page - Continental Device India Limited

  BTB16 Datasheet HTML 1Page - Continental Device India Limited BTB16 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BTA16/BTB16
TO-220
Triac Series
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Test condition
peak repetitive off-stage voltage
VDRM, VRRM
600
V
on-state RMS current
IT(RMS)
16
A
Tc<100
oC
NON repetitive surge peak on-state current
ITSM
160
A
Tp=20ms, Tj=25 ºC, F=50HZ
critical rate of rise on-state current
dI/dt
50
A/
µs
peak gate current
IGM
4
A
average gate power dissipation
PG(AV)
1
W
storage temperature range
Tstg
-40 to +150
oC
operating junction temperature range
Tj
125
oC
Electrical characteristics ( Tj=25ºC) unless otherwise specified
Parameter
Symbol
Value
Unit
Test condition
gate trigger current
IGT
<50
mA
T2+G+
VD=12V, IT=0.1A
<50
mA
T2+G-
VD=12V, IT=0.1A
<50
mA
T2-G-
VD=12V, IT=0.1A
<100
mA
T2-G+
VD=12V, IT=0.1A
gate trigger voltage
VGT
<1.30
V
VD=12V, IT=0.1A
hold current
IH
<50
mA
IT=0.5A
critical rate of rise off-state voltage
dv/dt
>200
V/
µs
VD=67%VDRM
on-state voltage
VTM
<1.55
V
IT=22.5A, tp=380µs
off-state leakage current
IDRM
<2.00
mA
VD=VDRM; VR=VRRM; Tj=125
oC
Rth(j-a)
60
Rth(j-c) AC
<2.10
BTA
Insulated
Rth(j-c) AC
<1.20
BTB
Uninsulated
Disclaimer
thermal resistance
oC/W
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your
product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality
parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL
however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of
the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in
their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112
Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of 2
BTA16_BTB16Rev_1 011209E


Similar Part No. - BTB16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Suntac Electronic Corp.
BTB16 SUNTAC-BTB16 Datasheet
83Kb / 4P
16A Triacs logic level
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTB16 JIEJIE-BTB16 Datasheet
692Kb / 6P
16A TRIACs
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
More results

Similar Description - BTB16

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BTA41 CDIL-BTA41 Datasheet
75Kb / 2P
Triac Series
BTA26 CDIL-BTA26 Datasheet
127Kb / 2P
Triac Series
BTA24 CDIL-BTA24 Datasheet
130Kb / 2P
Triac Series
BTA20 CDIL-BTA20 Datasheet
74Kb / 2P
Triac Series
BTA12 CDIL-BTA12 Datasheet
74Kb / 2P
Triac Series
BTA08 CDIL-BTA08 Datasheet
74Kb / 2P
Triac Series
BTA06 CDIL-BTA06 Datasheet
76Kb / 2P
Triac Series
BTA04 CDIL-BTA04 Datasheet
77Kb / 2P
Triac Series
BT136 CDIL-BT136 Datasheet
73Kb / 2P
Triac Series
BT134 CDIL-BT134 Datasheet
72Kb / 2P
Triac Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com