Electronic Components Datasheet Search
  English  ▼

X  

BTA08 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BTA08
Description  Triac Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BTA08 Datasheet(HTML) 1 Page - Continental Device India Limited

  BTA08 Datasheet HTML 1Page - Continental Device India Limited BTA08 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BTA08/BTB08
TO-220
Triac Series
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Test condition
peak repetitive off-stage voltage
VDRM, VRRM
600
V
on-state RMS current
IT(RMS)
8
A
Tc<100
oC
NON repetitive surge peak on-state current
ITSM
80
A
Tp=20ms, Tj=25 ºC, F=50HZ
critical rate of rise on-state current
dI/dt (Q1-3)
50
A/
µs
peak gate current
IGM
4
A
average gate power dissipation
PG(AV)
1
W
storage temperature range
Tstg
-40 to +150
oC
operating junction temperature range
Tj
125
oC
Electrical characteristics ( Tj=25ºC) unless otherwise specified
Parameter
Symbol
Value
Unit
Test condition
gate trigger current
IGT
<50
mA
T2+G+
VD=12V, IT=0.1A
<50
mA
T2+G-
VD=12V, IT=0.1A
<50
mA
T2-G-
VD=12V, IT=0.1A
<100
mA
T2-G+
VD=12V, IT=0.1A
gate trigger voltage
VGT
<1.30
V
VD=12V, IT=0.1A
hold current
IH
<25
mA
IT=0.5A
critical rate of rise off-state voltage
dv/dt
>200
V/
µs
VD=67%VDRM
on-state voltage
VTM
<1.55
V
IT=11A
off-state leakage current
IDRM
<1.00
mA
VD=VDRM; Tj=125
oC
Rth(j-a)
60
Rth(j-c) AC
<2.50
BTA
Insulated
Rth(j-c) AC
<1.60
BTB
Uninsulated
Disclaimer
oC/W
thermal resistance
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your
product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality
parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL
however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of
the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in
their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112
Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
BTA08_BTB08Rev_1 011209E


Similar Part No. - BTA08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
logo
Sirectifier Semiconduct...
BTA08 SIRECTIFIER-BTA08 Datasheet
337Kb / 5P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA08 SIRECT-BTA08 Datasheet
1Mb / 5P
Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
More results

Similar Description - BTA08

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BTA41 CDIL-BTA41 Datasheet
75Kb / 2P
Triac Series
BTA26 CDIL-BTA26 Datasheet
127Kb / 2P
Triac Series
BTA24 CDIL-BTA24 Datasheet
130Kb / 2P
Triac Series
BTA20 CDIL-BTA20 Datasheet
74Kb / 2P
Triac Series
BTA16 CDIL-BTA16 Datasheet
74Kb / 2P
Triac Series
BTA12 CDIL-BTA12 Datasheet
74Kb / 2P
Triac Series
BTA06 CDIL-BTA06 Datasheet
76Kb / 2P
Triac Series
BTA04 CDIL-BTA04 Datasheet
77Kb / 2P
Triac Series
BT136 CDIL-BT136 Datasheet
73Kb / 2P
Triac Series
BT134 CDIL-BT134 Datasheet
72Kb / 2P
Triac Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com